Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 23 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 19Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 20Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 21Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 22Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 23Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 24Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 11
Table 2-11 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
Applicable to MSS I/O Banks
VCCMSSIOBx (V)
Static Power
PDC7 (mW)
Dynamic Power
PAC9 (µW/MHz)
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
3.3
–
17.21
3.3 V LVCMOS / 3.3 V LVCMOS – Schmitt trigger
3.3
–
20.00
2.5 V LVCMOS
2.5
–
5.55
2.5 V LVCMOS – Schmitt trigger
2.5
–
7.03
1.8 V LVCMOS
1.8
–
2.61
1.8 V LVCMOS – Schmitt trigger
1.8
–
2.72
1.5 V LVCMOS (JESD8-11)
1.5
–
1.98
1.5 V LVCMOS (JESD8-11) – Schmitt trigger
1.5
–
1.93
Table 2-12 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings*
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
CLOAD (pF)
VCCFPGAIOBx
(V)
Static Power
PDC8 (mW)
Dynamic Power
PAC10 (µW/MHz)
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
35
3.3
–
475.66
2.5 V LVCMOS
35
2.5
–
270.50
1.8 V LVCMOS
35
1.8
–
152.17
1.5 V LVCMOS (JESD8-11)
35
1.5
–
104.44
3.3 V PCI
10
3.3
–
202.69
3.3 V PCI-X
10
3.3
–
202.69
Differential
LVDS
–
2.5
7.74
88.26
LVPECL
–
3.3
19.54
164.99
Note:
*Dynamic power consumption is given for standard load and software default drive strength and output slew.
Table 2-13 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings
Applicable to MSS I/O Banks
CLOAD (pF)
VCCMSSIOBx (V)
Static Power
PDC8 (mW)2
Dynamic Power
PAC10 (µW/MHz)3
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
10
3.3
–
155.65
2.5 V LVCMOS
10
2.5
–
88.23
1.8 V LVCMOS
10
1.8
–
45.03
1.5 V LVCMOS (JESD8-11)
10
1.5
–
31.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com