Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 45Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 46Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 47Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 48Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 49Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 50Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 51Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 52Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 37
1.5 V LVCMOS (JESD8-11)
Low-Voltage CMOS for 1.5 V is an extension of the LVCMOS standard (JESD8-5) used for general-
purpose 1.5 V applications. It uses a 1.5 V input buffer and a push-pull output buffer.
Table 2-53 • Minimum and Maximum DC Input and Output Levels
Applicable to FPGA I/O Banks
1.5 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSL IOSH IIL IIH
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1 µA2 µA2
2 mA
–0.3
0.35 *
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25*
VCCxxxxIOBx
0.75 *
VCCxxxxIOBx
2
2
16
13
15 15
4 mA
–
0.3
0.35*
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25*
VCCxxxxIOBx
0.75 *
VCCxxxxIOBx
4
4
33
25
15 15
6 mA
–
0.3
0.35 *
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25*
VCCxxxxIOBx
0.75 *
VCCxxxxIOBx
6
6
39
32
15 15
8 mA
–
0.3
0.35 *
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25* VCC
0.75 *
VCCxxxxIOBx
8
8
55
66
15 15
12 mA
–
0.3
0.35 *
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25 *
VCCxxxxIOBx
0.75 *
VCCxxxxIOBx
12 12
55
66
15 15
Notes:
1. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.
Table 2-54 • Minimum and Maximum DC Input and Output Levels
Applicable to MSS I/O Banks
1.5 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH IOSL IOSH IIL IIH
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA1
Max.
mA1 µA2
µA
2
2 mA
–0.3
0.35 *
VCCxxxxIOBx
0.65 *
VCCxxxxIOBx
1.575
0.25 *
VCCxxxxIOBx
0.75 *
VCCxxxxIOBx
2
2
16
13
15 15
Notes:
1. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
2. Currents are measured at 85°C junction temperature.
3. Software default selection highlighted in gray.
Figure 2-9 •
AC Loading
Table 2-55 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ.) (V)
CLOAD (pF)
0
1.5
0.75
–
35
* Measuring point = Vtrip. See Table 2-22 on page 2-24 for a complete table of trip points.
Test Point
Test Point
Enable Path
Datapath
35 pF
R = 1 K
R to GND for t
HZ / tZH / tZHS
R to VCCxxxxIOBx for t
LZ / tZL / tZLS
35 pF for t
ZH / tZHS / tZL / tZLS
35 pF for t
HZ / tLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com