Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 10Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 11Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 12Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 13Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 14Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 15Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 2
R ev isio n 1 2
Table 2-2 • Analog Maximum Ratings
Parameter
Conditions
Min.
Max.
Units
ABPS[n] pad voltage (relative to ground) GDEC[1:0] = 00 (±15.36 V range)
Absolute maximum
–11.5
14.4
V
Recommended
–11
14
V
GDEC[1:0] = 01 (±10.24 V range)
–11.5
12
V
GDEC[1:0] = 10 (±5.12 V range)
–6
6
V
GDEC[1:0] = 11 (±2.56 V range)
–3
3
V
CM[n] pad voltage relative to ground)
CMB_DI_ON = 0 (ADC isolated)
COMP_EN = 0 (comparator off, for the
associated even-numbered comparator)
Absolute maximum
–0.3
14.4
V
Recommended
–0.3
14
V
CMB_DI_ON = 0 (ADC isolated)
COMP_EN = 1 (comparator on)
–0.3
3
V
TMB_DI_ON = 1 (direct ADC in)
–0.3
3
V
TM[n] pad voltage (relative to ground)
TMB_DI_ON = 0 (ADC isolated)
COMP_EN = 1(comparator on)
–0.3
3
V
TMB_DI_ON = 1 (direct ADC in)
–0.3
3
V
ADC[n] pad voltage (relative to ground)
–0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com