Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 36 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 36 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 32Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 33Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 34Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 35Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 36Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 37Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 38Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 39Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 40Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 24
R e v i sio n 1 2
Summary of I/O Timing Characteristics – Default I/O Software
Settings
Table 2-21 • Summary of Maximum and Minimum DC Input Levels
Applicable to Commercial Conditions in all I/O Bank Types
DC I/O Standards
Commercial
IIL
IIH
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
15
15
2.5 V LVCMOS
15
15
1.8 V LVCMOS
15
15
1.5 V LVCMOS
15
15
3.3 V PCI
15
15
3.3 V PCI-X
15
15
Table 2-22 • Summary of AC Measuring Points Applicable to All I/O Bank Types
Standard
Measuring Trip Point (Vtrip)
3.3 V LVTTL / 3.3 V LVCMOS
1.4 V
2.5 V LVCMOS
1.2 V
1.8 V LVCMOS
0.90 V
1.5 V LVCMOS
0.75 V
3.3 V PCI
0.285 * VCCxxxxIOBx (RR)
0.615 * VCCxxxxIOBx (FF)
3.3 V PCI-X
0.285 * VCCxxxxIOBx (RR)
0.615 * VCCxxxxIOBx (FF)
LVDS
Cross point
LVPECL
Cross point
Table 2-23 • I/O AC Parameter Definitions
Parameter
Parameter Definition
tDP
Data to pad delay through the output buffer
tPY
Pad to data delay through the input buffer
tDOUT
Data to output buffer delay through the I/O interface
tEOUT
Enable to output buffer tristate control delay through the I/O interface
tDIN
Input buffer to data delay through the I/O interface
tHZ
Enable to pad delay through the output buffer—High to Z
tZH
Enable to pad delay through the output buffer—Z to High
tLZ
Enable to pad delay through the output buffer—Low to Z
tZL
Enable to pad delay through the output buffer—Z to Low
tZHS
Enable to pad delay through the output buffer with delayed enable—Z to High
tZLS
Enable to pad delay through the output buffer with delayed enable—Z to Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com