Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 60 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 60 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 56Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 57Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 58Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 59Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 60Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 61Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 62Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 63Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 48
R e v i sio n 1 2
Input Register
Timing Characteristics
Figure 2-16 • Input Register Timing Diagram
50%
Preset
Clear
Out_1
CLK
Data
Enable
t
ISUE
50%
50%
t
ISUD
t
IHD
50%
50%
t
ICLKQ
1
0
t
IHE
t
IRECPRE
t
IREMPRE
t
IRECCLR
t
IREMCLR
t
IWCLR
t
IWPRE
t
IPRE2Q
t
ICLR2Q
t
ICKMPWH tICKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-71 • Input Data Register Propagation Delays
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tICLKQ
Clock-to-Q of the Input Data Register
0.24 0.29
ns
tISUD
Data Setup Time for the Input Data Register
0.27 0.32
ns
tIHD
Data Hold Time for the Input Data Register
0.00 0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.38 0.45
ns
tIHE
Enable Hold Time for the Input Data Register
0.00 0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.46 0.55
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.46 0.55
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00 0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.23 0.27
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00 0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.23 0.27
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.22 0.22
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.22 0.22
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.36 0.36
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.32 0.32
ns
Note:
For the derating values at specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9
for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com