Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 25 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 21Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 22Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 23Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 24Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 28Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 13
PAC24
Current Monitor Power Contribution
See Table 2-93 on
page 2-77
–1.03
mW
PAC25
ABPS Power Contribution
See Table 2-96 on
page 2-81
–0.70
mW
PAC26
Sigma-Delta DAC Power
Contribution2
See Table 2-98 on
page 2-84
–0.58
mW
PAC27
Comparator Power Contribution
See Table 2-97 on
page 2-83
–1.02
mW
PAC28
Voltage Regulator Power
Contribution3
See Table 2-99 on
page 2-86
–36.30
mW
Notes:
1. For a different use of MSS peripherals and resources, refer to SmartPower.
2. Assumes Input = Half Scale Operation mode.
3. Assumes 100 mA load on 1.5 V domain.
Table 2-15 • Different Components Contributing to the Static Power Consumption in SmartFusion cSoCs
Parameter
Definition
Power Supply
Device
Units
Name
Domain A2F060 A2F200 A2F200
PDC1
Core static power contribution in
SoC mode
VCC
1.5 V
11.10
23.70
37.95
mW
PDC2
Device static power contribution in
Standby Mode
See Table 2-8 on
page 2-10
–
11.10
23.70
37.95
mW
PDC3
Device static power contribution in
Time Keeping mode
See Table 2-8 on
page 2-10
3.3 V
33.00
33.00
33.00
µW
PDC7
Static contribution per input pin
(standard dependent contribution)
VCCxxxxIOBx/VCC See Table 2-10 and Table 2-11 on page 2-11.
PDC8
Static contribution per output pin
(standard dependent contribution)
VCCxxxxIOBx/VCC See Table 2-12 and Table 2-13 on page 2-11.
PDC9
Static contribution per PLL
VCC
1.5 V
2.55
2.55
2.55
mW
Table 2-16 • eNVM Dynamic Power Consumption
Parameter
Description
Condition
Min.
Typ.
Max.
Units
eNVM System eNVM array operating power
Idle
795
µA
Read operation
See Table 2-14 on page 2-12.
Erase
900
µA
Write
900
µA
PNVMCTRL
eNVM controller operating power
20
µW/MHz
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in SmartFusion cSoCs
Parameter
Definition
Power Supply
Device
Units
Name
Domain A2F060 A2F200 A2F500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com