Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 96 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 96 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 92Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 93Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 94Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 95Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 96Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 97Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 98Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 99Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 84
R e v i sio n 1 2
Analog Sigma-Delta Digital to Analog Converter (DAC)
Unless otherwise noted, sigma-delta DAC performance is specified at 25°C with nominal power supply
voltages, using the internal sigma-delta modulators with 16-bit inputs, HCLK = 100 MHz, modulator
inputs updated at a 100 KHz rate, in voltage output mode with an external 160 pF capacitor to ground,
after trimming and digital [pre-]compensation.
Table 2-98 • Analog Sigma-Delta DAC
Specification
Test Conditions
Min.
Typ.
Max.
Units
Resolution
8
24
Bits
Output range
0 to 2.56
V
Current output mode
0 to 256
µA
Output Impedance
6
10
12
K
Ω
Current output mode
10
M
Ω
Output voltage compliance
Current output mode
0–3.0
V
–40ºC to +100ºC
0–2.7
0–3.4
V
Gain error
Voltage output mode
0.3
±2
%
A2F060: –40ºC to +100ºC
0.3
±2
%
A2F200: –40ºC to +100ºC
1.2
±5.3
%
A2F500: –40ºC to +100ºC
0.3
±2
%
Current output mode
0.3
±2
%
A2F060: –40ºC to +100ºC
0.3
±2
%
A2F200: –40ºC to +100ºC
1.2
±5.3
%
A2F500: –40ºC to +100ºC
0.3
±2
%
Output referred offset
DACBYTE0 = h’00 (8-bit)
0.25
±1
mV
–40ºC to +100ºC
1
±2.5
mV
Current output mode
0.3
±1
µA
–40ºC to +100ºC
1
±2.5
µA
Integral non-linearity
RMS deviation from BFSL
0.1
0.3
% FS*
Differential non-linearity
0.05
0.4
% FS*
Analog settling time
Refer to
Figure 2-44 on
page 2-85
µs
Power supply rejection ratio
DC, full scale output
33
34
dB
Note:
*FS is full-scale error, defined as the difference between the actual value that triggers the transition to full-scale
and the ideal analog full-scale transition value. Full-scale error equals offset error plus gain error. Refer to the
Analog-to-Digital Converter chapter of the SmartFusion Programmable Analog User’s Guide for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com