Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 50 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 50 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 46Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 47Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 48Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 49Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 50Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 51Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 52Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 53Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 54Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 38
R e v i sio n 1 2
Timing Characteristics
Table 2-56 • 1.5 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 1.425 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 m
Std.
0.60
7.79
0.04
1.34
0.39
6.43
7.79
3.19
2.59
8.49
9.85
ns
–1
0.50
6.49
0.03
1.12
0.32
5.36
6.49
2.66
2.16
7.08
8.21
ns
4 mA
Std.
0.60
4.95
0.04
1.34
0.39
4.61
4.96
3.53
3.19
6.67
7.02
ns
–1
0.50
4.13
0.03
1.12
0.32
3.85
4.13
2.94
2.66
5.56
5.85
ns
6 mA
Std.
0.60
4.36
0.04
1.34
0.39
4.34
4.36
3.60
3.34
6.40
6.42
ns
–1
0.50
3.64
0.03
1.12
0.32
3.62
3.64
3.00
2.78
5.33
5.35
ns
8 mA
Std.
0.60
3.89
0.04
1.34
0.39
3.96
3.34
3.72
3.92
6.02
5.40
ns
–1
0.50
3.24
0.03
1.12
0.32
3.30
2.79
3.10
3.27
5.02
4.50
ns
12 mA
Std.
0.60
3.89
0.04
1.34
0.39
3.96
3.34
3.72
3.92
6.02
5.40
ns
–1
0.50
3.24
0.03
1.12
0.32
3.30
2.79
3.10
3.27
5.02
4.50
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-57 • 1.5 V LVCMOS Low Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 1.4 V
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.60
11.96
0.04
1.34
0.39
12.18 11.70 3.20
2.47 14.24 13.76
ns
–1
0.50
9.96
0.03
1.12
0.32
10.15
9.75
2.67
2.06 11.86 11.46
ns
4 mA
Std.
0.60
9.51
0.04
1.34
0.39
9.68
8.76
3.54
3.07 11.74 10.82
ns
–1
0.50
7.92
0.03
1.12
0.32
8.07
7.30
2.95
2.56
9.79
9.02
ns
6 mA
Std.
0.60
8.86
0.04
1.34
0.39
9.03
8.17
3.61
3.22 11.08 10.23
ns
–1
0.50
7.39
0.03
1.12
0.32
7.52
6.81
3.01
2.68
9.24
8.52
ns
8 mA
Std.
0.60
8.44
0.04
1.34
0.39
8.60
8.18
3.73
3.78 10.66 10.24
ns
–1
0.50
7.04
0.03
1.12
0.32
7.17
6.82
3.11
3.15
8.88
8.53
ns
12 mA
Std.
0.60
8.44
0.04
1.34
0.39
8.60
8.18
3.73
3.78 10.66 10.24
ns
–1
0.50
7.04
0.03
1.12
0.32
7.17
6.82
3.11
3.15
8.88
8.53
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.
Table 2-58 • 1.5 V LVCMOS High Slew
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCxxxxIOBx = 3.0 V
Applicable to MSS I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
0.22
3.24
0.09
1.28
1.86
0.22
3.30
3.20
2.24
2.21
ns
–1
0.18
2.70
0.07
1.07
1.55
0.18
2.75
2.67
1.87
1.85
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com