Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 24Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 25Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 26Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 27Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 28Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 29Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 30Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 31Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 16
R e v i sio n 1 2
Standby Mode and Time Keeping Mode
PNET = 0 W
I/O Input Buffer Dynamic Contribution—PINPUTS
SoC Mode
PINPUTS = NINPUTS * (
α2 / 2) * PAC9 * FCLK
Where:
NINPUTS is the number of I/O input buffers used in the design.
α2 is the I/O buffer toggle rate—guidelines are provided in Table 2-17 on page 2-18.
FCLK is the global clock signal frequency.
Standby Mode and Time Keeping Mode
PINPUTS = 0 W
I/O Output Buffer Dynamic Contribution—POUTPUTS
SoC Mode
POUTPUTS = NOUTPUTS * (
α2 / 2) * β1 * PAC10 * FCLK
Where:
NOUTPUTS is the number of I/O output buffers used in the design.
α2 is the I/O buffer toggle rate—guidelines are provided in Table 2-17 on page 2-18.
β1 is the I/O buffer enable rate—guidelines are provided in Table 2-18 on page 2-18.
FCLK is the global clock signal frequency.
Standby Mode and Time Keeping Mode
POUTPUTS = 0 W
FPGA Fabric SRAM Dynamic Contribution—PMEMORY
SoC Mode
PMEMORY = (NBLOCKS * PAC11 *
β2 * FREAD-CLOCK) + (NBLOCKS * PAC12 * β3 * FWRITE-CLOCK)
Where:
NBLOCKS is the number of RAM blocks used in the design.
FREAD-CLOCK is the memory read clock frequency.
β2 is the RAM enable rate for read operations—guidelines are provided in Table 2-18 on
page 2-18.
β3 the RAM enable rate for write operations—guidelines are provided in Table 2-18 on page 2-18.
FWRITE-CLOCK is the memory write clock frequency.
Standby Mode and Time Keeping Mode
PMEMORY = 0 W
PLL/CCC Dynamic Contribution—PPLL
SoC Mode
PPLL = PAC13 * FCLKOUT
FCLKIN is the input clock frequency.
FCLKOUT is the output clock frequency.1
Standby Mode and Time Keeping Mode
1.The PLL dynamic contribution depends on the input clock frequency, the number of output clock signals generated by the
PLL, and the frequency of each output clock. If a PLL is used to generate more than one output clock, include each output
clock in the formula output clock by adding its corresponding contribution (PAC14 * FCLKOUT product) to the total PLL
contribution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com