Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 12Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 13Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 14Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 15Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 18Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 19Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 4
R ev isio n 1 2
Power Supply Sequencing Requirement
SmartFusion cSoCs have an on-chip 1.5 V regulator, but usage of an external 1.5 V supply is also
allowed while the on-chip regulator is disabled. In that case, the 3.3 V supplies (VCC33A, etc.) should be
powered before 1.5 V (VCC, etc.) supplies. The 1.5 V supplies should be enabled only after 3.3 V
supplies reach a value higher than 2.7 V.
I/O Power-Up and Supply Voltage Thresholds for Power-On Reset
(Commercial and Industrial)
Sophisticated power-up management circuitry is designed into every SmartFusion cSoC. These circuits
ensure easy transition from the powered-off state to the powered-up state of the device. In addition, the
I/O will be in a known state through the power-up sequence. The basic principle is shown in Figure 2-1
on page 2-6.
There are five regions to consider during power-up.
SmartFusion I/Os are activated only if ALL of the following three conditions are met:
1. VCC and VCCxxxxIOBx are above the minimum specified trip points (Figure 2-1 on page 2-6).
2. VCCxxxxIOBx > VCC – 0.75 V (typical)
3. Chip is in the SoC Mode.
Table 2-4 • FPGA and Embedded Flash Programming, Storage and Operating Limits
Product Grade
Storage Temperature
Element
Grade Programming
Cycles
Retention
Commercial
Min. TJ = 0°C
FPGA/FlashROM
500
20 years
Max. TJ = 85°C
Embedded Flash
< 1,000
20 years
< 10,000
10 years
< 15,000
5 years
Industrial
Min. TJ = –40°C
FPGA/FlashROM
500
20 years
Max. TJ = 100°C
Embedded Flash
< 1,000
20 years
< 10,000
10 years
< 15,000
5 years
Table 2-5 • Overshoot and Undershoot Limits 1
VCCxxxxIOBx
Average VCCxxxxIOBx–GND Overshoot or Undershoot
Duration as a Percentage of Clock Cycle2
Maximum Overshoot/
Undershoot2
2.7 V or less
10%
1.4 V
5%
1.49 V
3 V
10%
1.1 V
5%
1.19 V
3.3 V
10%
0.79 V
5%
0.88 V
3.6 V
10%
0.45 V
5%
0.54 V
Notes:
1. Based on reliability requirements at 85°C.
2. The duration is allowed at one out of six clock cycles. If the overshoot/undershoot occurs at one out of two cycles, the
maximum overshoot/undershoot has to be reduced by 0.15 V.
3. This table does not provide PCI overshoot/undershoot limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com