Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 125 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 125 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 127Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 128Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 129Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 11
Table 5-1 • Recommended Tie-Off Values for the TCK and TRST Pins
VJTAG
Tie-Off Resistance1, 2
VJTAG at 3.3 V
200
Ω to 1 kΩ
VJTAG at 2.5 V
200
Ω to 1 kΩ
VJTAG at 1.8 V
500
Ω to 1 kΩ
VJTAG at 1.5 V
500
Ω to 1 kΩ
Notes:
1. The TCK pin can be pulled up/down.
2. The TRST pin can only be pulled down.
1. Equivalent parallel resistance if more than one device is on JTAG chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com