Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 141 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 141 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 137Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 138Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 139Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 140Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 141Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 142Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 143Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 144Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 145Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 27
F12
EMC_AB[12]/IO10NDB0V0
EMC_AB[12]/IO10NDB0V0
EMC_AB[12]/IO14NDB0V0
F13
GND
GND
GND
F14
GCB1/IO19PPB0V0
GCC1/IO26PPB1V0
GCC1/IO35PPB1V0
F15
GNDQ
GNDQ
GNDQ
F16
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
F17
GCB0/IO19NPB0V0
IO24NDB1V0
IO33NDB1V0
F19
IO23NDB1V0
GDB1/IO30PDB1V0
GDB1/IO39PDB1V0
F21
GCA2/IO21PDB1V0
GDB0/IO30NDB1V0
GDB0/IO39NDB1V0
G1
IO41NDB5V0
IO67NDB5V0
IO84NDB5V0
G3
GFC2/IO41PDB5V0
GFC2/IO67PDB5V0
GFC2/IO84PDB5V0
G5
NC
GFB1/IO65PDB5V0
GFB1/IO82PDB5V0
G6
EMC_DB[10]/IO43NDB5V0
EMC_DB[10]/IO69NDB5V0
EMC_DB[10]/IO86NDB5V0
G9
NC
GFC0/IO66NPB5V0
GFC0/IO83NPB5V0
G13
GCA0/IO20NPB0V0
GCC0/IO26NPB1V0
GCC0/IO35NPB1V0
G16
NC
GDA0/IO31NDB1V0
GDA0/IO40NDB1V0
G17
IO22NPB1V0
GDC1/IO29PDB1V0
GDC1/IO38PDB1V0
G19
GCC2/IO23PDB1V0
GDC0/IO29NDB1V0
GDC0/IO38NDB1V0
G21
GND
GND
GND
H1
EMC_DB[9]/IO40PPB5V0
EMC_DB[9]/GEC1/IO63PPB5V0
EMC_DB[9]/GEC1/IO80PPB5V0
H3
GND
GND
GND
H5
NC
GFB0/IO65NDB5V0
GFB0/IO82NDB5V0
H6
EMC_DB[7]/IO39PDB5V0
EMC_DB[7]/GEB1/IO62PDB5V0
EMC_DB[7]/GEB1/IO79PDB5V0
H8
GND
GND
GND
H9
VCC
VCC
VCC
H10
GND
GND
GND
H11
VCC
VCC
VCC
H12
GND
GND
GND
H13
VCC
VCC
VCC
H14
GND
GND
GND
H16
NC
GDA1/IO31PDB1V0
GDA1/IO40PDB1V0
H17
NC
GDC2/IO32PPB1V0
GDC2/IO41PPB1V0
Pin
No.
CS288
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com