Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 150 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 150 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 146Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 147Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 148Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 149Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 154Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 197 page
background image
Pin Descriptions
5- 36
R e v i sio n 1 2
32
VCCRCOSC
VCCRCOSC
33
MSS_RESET_N
MSS_RESET_N
34
VCCESRAM
VCCESRAM
35
MAC_MDC/IO48RSB4V0
MAC_MDC/IO57RSB4V0
36
MAC_MDIO/IO49RSB4V0
MAC_MDIO/IO58RSB4V0
37
MAC_TXEN/IO52RSB4V0
MAC_TXEN/IO61RSB4V0
38
MAC_CRSDV/IO51RSB4V0
MAC_CRSDV/IO60RSB4V0
39
MAC_RXER/IO50RSB4V0
MAC_RXER/IO59RSB4V0
40
GND
GND
41
VCCMSSIOB4
VCCMSSIOB4
42
VCC
VCC
43
MAC_TXD[0]/IO56RSB4V0
MAC_TXD[0]/IO65RSB4V0
44
MAC_TXD[1]/IO55RSB4V0
MAC_TXD[1]/IO64RSB4V0
45
MAC_RXD[0]/IO54RSB4V0
MAC_RXD[0]/IO63RSB4V0
46
MAC_RXD[1]/IO53RSB4V0
MAC_RXD[1]/IO62RSB4V0
47
MAC_CLK
MAC_CLK
48
GNDSDD0
GNDSDD0
49
VCC33SDD0
VCC33SDD0
50
VCC15A
VCC15A
51
PCAP
PCAP
52
NCAP
NCAP
53
VCC33AP
VCC33AP
54
VCC33N
VCC33N
55
SDD0
SDD0
56
GNDA
GNDA
57
GNDAQ
GNDAQ
58
ABPS0
ABPS0
59
ABPS1
ABPS1
60
CM0
CM0
61
TM0
TM0
62
GNDTM0
GNDTM0
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com