Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 159 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 159 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 157Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 158Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 159Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 160Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 161Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 162Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 163Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 45
D15
GCA1/IO20PDB0V0
IO24NDB1V0
IO33NDB1V0
D16
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
E1
EMC_DB[13]/IO44PDB5V0
EMC_DB[13]/GAC2/IO70PDB5V0
EMC_DB[13]/GAC2/IO87PDB5V0
E2
EMC_DB[12]/IO44NDB5V0
EMC_DB[12]/IO70NDB5V0
EMC_DB[12]/IO87NDB5V0
E3
GFA2/IO42PDB5V0
GFA2/IO68PDB5V0
GFA2/IO85PDB5V0
E4
EMC_DB[10]/IO43NPB5V0
EMC_DB[10]/IO69NPB5V0
EMC_DB[10]/IO86NPB5V0
E5
GNDQ
GNDQ
GNDQ
E6
GND
GND
GND
E7
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
E8
GND
GND
GND
E9
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
E10
GND
GND
GND
E11
VCCFPGAIOB0
VCCFPGAIOB0
VCCFPGAIOB0
E12
GCB2/IO22PDB1V0
GCA1/IO28PDB1V0
GCA1/IO36PDB1V0 *
E13
VCCFPGAIOB1
VCCFPGAIOB1
VCCFPGAIOB1
E14
GCA2/IO21PDB1V0
GCB1/IO27PDB1V0
GCB1/IO34PDB1V0
E15
GCC2/IO23PDB1V0
GDC1/IO29PDB1V0
GDC1/IO38PDB1V0
E16
IO23NDB1V0
GDC0/IO29NDB1V0
GDC0/IO38NDB1V0
F1
EMC_DB[9]/IO40PDB5V0
EMC_DB[9]/GEC1/IO63PDB5V0
EMC_DB[9]/GEC1/IO80PDB5V0
F2
GND
GND
GND
F3
GFB2/IO42NDB5V0
GFB2/IO68NDB5V0
GFB2/IO85NDB5V0
F4
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
F5
EMC_DB[11]/IO43PPB5V0
EMC_DB[11]/IO69PPB5V0
EMC_DB[11]/IO86PPB5V0
F6
VCCFPGAIOB5
VCCFPGAIOB5
VCCFPGAIOB5
F7
GND
GND
GND
F8
VCC
VCC
VCC
F9
GND
GND
GND
F10
VCC
VCC
VCC
F11
GND
GND
GND
F12
IO22NDB1V0
GCA0/IO28NDB1V0
GCA0/IO36NDB1V0 *
F13
NC
GNDQ
GNDQ
Pin
No.
FG256
A2F060 Function
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to
the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com