Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO13PDB0V0 Datasheet(PDF) 189 Page - Microsemi Corporation

Part # IO13PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13PDB0V0 Datasheet(HTML) 189 Page - Microsemi Corporation

Back Button IO13PDB0V0 Datasheet HTML 185Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO13PDB0V0 Datasheet HTML 193Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
6 - 7
Revision 7
(continued)
Usage instructions, such as how to handle the pin when unused, were added for the
following supply pins (SAR 29769):
"VCC15A"
"VCC15ADC0" through "VCC15ADC2"
"VCC33ADC0" through "VCC33ADC2"
"VCC33AP"
"VCC33ADC2"
"VCCLPXTAL"
"VCCMAINXTAL"
"VCCMSSIOB2"
"VCCPLLx"
"VCCRCOSC"
"VDDBAT"
5-2
through
5-3
The "IO" description was revised to clarify the definitions of u, I/O pair, and w,
differential pair (SAR 31147). Information on configuration of unused I/Os (including
unused MSS I/Os, SAR 26891) was added (SAR 32643).
5-6
Usage instructions were added for the following pins (SAR 29769):
"MSS_RESET_N"
"TCK"
"TMS"
"TRSTB"
"MAC_CLK"
5-9
through
5-13
Package names used in the "Pin Assignment Tables" section were revised to match
standards given in Package Mechanical Drawings (SAR 27395).
5-18
The pin assignments for A2F060 for "TQ144" and "FG256" have been revised due to
the device status change from advance to preliminary (SAR 33068).
The "TQ144" and "FG256" pin assignment sections previously compared functions
between A2F060/A2F200 devices in one table and A2F200/A2F500 in a separate
table. Functions for all three devices have now been combined into one table for each
package (SAR 33072).
5-18,
5-42
The "PQ208" pin table was revised for A2F500 to remove EMC functions, which are
not available for this device/package combination (SAR 33041).
5-34
Revision 6
(March 2011)
The "PQ208" package was added to product tables and "Product Ordering Codes" for
A2F200 and A2F500 (SAR 31005).
III
The "Package I/Os: MSS + FPGA I/Os" table was revised to add the CS288 package
for A2F060 and the PQ208 package for A2F200 and A2F500. A row was added for
shared analog inputs (SAR 31034).
III
The "SmartFusion cSoC Device Status" table was updated (SAR 31084
).
III
VCCESRAM was added to Table 2-1 • Absolute Maximum Ratings, Table 2-3 •
Recommended Operating Conditions5,6, Table 2-8 • Power Supplies Configuration,
and the "Supply Pins" table (SAR 31035).
2-1, 2-3,
2-10, 5-1
The following note was removed from Table 2-8 • Power Supplies Configuration (SAR
30984):
"Current monitors and temperature monitors should not be used when Power-Down
and/or Sleep mode are required by the application."
2-10
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com