Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc ACT3780 Datasheet HTML 17Page - Active-Semi, Inc ACT3780 Datasheet HTML 18Page - Active-Semi, Inc ACT3780 Datasheet HTML 19Page - Active-Semi, Inc ACT3780 Datasheet HTML 20Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(VCHG_IN = 5V, RDCCC = 18.7kΩ, TA = 25°C, unless otherwise specified.)
Temperature (°C)
-50
0
50
100
150
Pre-Charge Current vs. Temperature
Fast Charge Current vs. Temperature
Battery Regulation Accuracy vs. Temperature
SYS Output Voltage vs. CHG_IN Voltage
SYS Voltage vs. SYS Current (DC Input)
1.0
0.5
0.0
-0.5
-1.0
4.8
4.6
4.5
4.4
4.3
4.2
4.1
4.0
4.7
4.80
4.60
4.40
4.20
4.00
3.80
3.60
Temperature (°C)
-40
-15
10
35
60
85
SYS Current (mA)
0
500
1000
1500
2000
VCHG_IN = 5V
VBAT = 2.5V
VBAT = 4V
ACIN/CHGLEV = 11
ACIN/CHGLEV = 00
ACIN/CHGLEV = 01
ACIN/CHGLEV = 11
VCHG_IN = 5V
VBAT = 3.5V
ACIN/CHGLEV = 00
ACIN/CHGLEV = 01
ACIN/CHGLEV = 11
VCHG_IN = 4.5V
ACIN/CHGLEV = 11
VCHG_IN = 5V
VCHG_IN = 5.5V
CHG_IN Voltage (V)
0
2
4
6
8
10
12
14
120
100
80
60
40
20
0
Temperature (°C)
-50
0
50
100
150
1200
1000
800
600
400
200
0
Charger Current vs. Battery Voltage (AC Mode)
1200
1000
800
600
400
200
0
CHG_IN = 5V
ISYS = 0mA
RISET = 510Ω
Battery Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VBAT Falling
VBAT Rising
ACIN = 0
CHGLEV = 0
ISYS = 10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com