Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc ACT3780 Datasheet HTML 3Page - Active-Semi, Inc ACT3780 Datasheet HTML 4Page - Active-Semi, Inc ACT3780 Datasheet HTML 5Page - Active-Semi, Inc ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
ACT3780
Rev 8, 09-Jul-13
ActivePath
TM Battery Charger
ActivePath
DIAGRAM
FEATURES
• ActivePathTM System Power Selection of Best
Available Input Supply
• 50mΩ Battery Switch for Highest Efficiency
• Dynamic Control of Charging Current Allowing
System to Draw Maximum Load from AC/USB
Input
• ±0.5% Battery Charge Voltage Accuracy
• Up to 12V Input with Over Voltage Protection
• Thermal Regulation for Charge Control
• Charge Status Outputs for LED or System
Interface
• Battery Voltage Level Indication
• Programmable Fast Charge Current
• Programmable Charging Timer
• Low Reverse Leakage Current
• Short-Circuit and Thermal Protection
• Preconditioning for Deeply Depleted Battery
• Low Quiescent Current Standby Mode
• Space-Saving, Thermally-Enhanced
TQFN44-20 Packages
APPLICATIONS
• Personal Navigation Devices
• Smart Mobile Phones
• Blue-Tooth Devices
• Portable Media Players
• Portable Devices
GENERAL DESCRIPTION
The ACT3780 is a complete battery-charging and
system power management solution for portable
hand-held equipment using single-cell Lithium-
based batteries. The ACT3780 incorporates Active-
Semi's proprietary ActivePath architecture which
automatically selects the best available input supply
for the system.
The
ActivePath
architecture
performs
three
important functions: First, the battery is charged
while powering with the system, minimizing current
draw from the battery while ensuring that sufficient
current is available to power the system. Second, if
no input supply is available, system power is
automatically switched to the battery. And finally, if
the system load-requirement exceeds the capability
of the input supply, ActivePath automatically
supplements the input with the battery to satisfy the
system's power requirements.
In addition to ActivePath, the ACT3780 charger
features a complete, high-accuracy (±0.5%),
thermally regulated, stand-alone single cell linear
Li+ charger with an integrated 12V power
MOSFET. The ACT3780 is available in a thermally
enhanced 4mm × 4mm Thin-QFN44-20.


Similar Part No. - ACT3780

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
147Kb / 2P
ActivePath??Battery Charger
29-May-08
ACT3780NY-T ACTIVE-SEMI-ACT3780NY-T Datasheet
147Kb / 2P
ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
147Kb / 2P
ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
ActivePath Battery Charger
05-Dec-12
ACT3780QY410-T ACTIVE-SEMI-ACT3780QY410-T Datasheet
101Kb / 2P
ActivePath Battery Charger
05-Dec-12
More results

Similar Description - ACT3780

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHTW5V040 GALAXY-GHTW5V040 Datasheet
910Kb / 8P
TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
logo
ON Semiconductor
ADP3808A ONSEMI-ADP3808A Datasheet
210Kb / 15P
High Efficiency Switch Mode Li-Ion Battery Charger
January, 2009 ??Rev. 1
logo
GREATECS
DX62 GREATECS-DX62 Datasheet
1Mb / 8P
DIP Switch Half Pitch SMT for Highest Reliability
logo
OptoSupply Internationa...
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED Highest Luminous Flux Super Energy Efficiency
logo
List of Unclassifed Man...
TS52002 ETC2-TS52002 Datasheet
1Mb / 14P
High Efficiency NiMH Battery Charger for Photovoltaic Sources
logo
Taoglas antenna solutio...
PAD.71X.A TAOGLAS-PAD.71X.A Datasheet
1Mb / 21P
Highest Efficiency Wide-band Embedded MIMO Antenna
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
Load switch for battery application
logo
Shanghai awinic technol...
AW3215A AWINIC-AW3215A Datasheet
2Mb / 30P
Switch, efficiency, 1.5 A, lithium battery charging control controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com