Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc ACT3780 Datasheet HTML 3Page - Active-Semi, Inc ACT3780 Datasheet HTML 4Page - Active-Semi, Inc ACT3780 Datasheet HTML 5Page - Active-Semi, Inc ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
(VCHG_IN = 5.0V, RISET = 1kΩ, RBTR = 62kΩ, RDCCC = 18.7kΩ, TA = 25°C, unless otherwise specified.)
PARAMETER
VALUE
UNIT
CHG_IN to G
-0.3 to + 14
V
BAT, SYS, BTR, ISET, DCCC, ACIN, CHGLEV, EN, TH, nACOK, nSTAT1, nSTAT2,
nSTAT3, nBLV1, nBLV2 to G
-0.3 to + 6
V
Input Current
3.5
A
Output Current (Internal Limit) BAT to SYS
4
A
Maximum Junction Temperature
-40 to 150
°C
Storage Temperature
-60 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
ActivePath
CHG_IN Voltage Range
VCHG_IN
4.35
12
V
CHG_IN UVLO Voltage
VUVLO
Voltage Rising
3.65
3.85
4.05
V
CHG_IN UVLO Hysteresis
VHYS(UVLO)
1.25
V
CHG_IN OVP Threshold
VOVP
Voltage Rising
6.60
6.90
7.20
V
CHG_IN OVP Hysteresis
VHYS(OVP)
360
mV
CHG_IN Supply Current
ISUP(CHG_IN)
VCHG_IN = 6V, VBAT float
60
200
µA
VCHG_IN = 6V, VBAT = 4.3V, ActivePath
TM
Enabled and SYS No Load, Charger
in EOC or Time Out state or Disabled.
1.8
mA
CHG_IN to SYS On-Resistance RDSON_Q1 ISYS = 100mA
0.3
0.5
Ω
CHG_IN to SYS Current Limit
IAC
ACIN = 1
2.5
A
IUSB
ACIN = G, CHGLEV = G
80
90
100
mA
ACIN = G, CHGLEV = SYS
400
450
500
mA
SYS and DCCC Regulation
SYS Regulated Voltage
VSYS_REG ISYS = 100mA
4.4
4.6
4.8
V
DCCC Pull-Up Current
IDCCC
90
100
110
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com