Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
CHG_IN Voltage
nACOK
VUVLO < VCHG_IN < VOVP
Low
VCHG_IN > VOVP
High
VCHG_IN < VUVLO
High
nSTAT3
X
Low
High
VBAT STATE
nBLV2
nBLV1
VBAT < 2.8V
Low
Low
2.8V ≤ VBAT < 3.6V
Low
High
3.6V ≤ VBAT < 4V
High
Low
4V ≤ VBAT
High
High
Charging Status Indication
The ACT3780 provides nSTAT1 and nSTAT2
Outputs to indicate the Charging Status of the
charger. These are two open-drain outputs which
sink current went asserted and high-Z otherwise.
These outputs have internal 6mA current limits, and
are capable of directly driving LEDs, without the
need of current-limiting resistors or other external
circuitry, for a visual charge-status indication. To
drive an LED, simply connect the LED between
each pin and an appropriate supply (typically VSYS).
For a logic level indication, simply connect a
resistor from each output to a appropriate voltage
supply. For more details, see table 2 for LED
indication:
Table 2:
Charging Status Indication Table
Battery Voltage Level Indication
When the battery is being charged, the ACT3780
senses VBAT and features nBLV1 and nBLV2 as
two battery voltage level indicator outputs. These
are two open-drain outputs which sink current
whenever asserted. For logic level indication,
simply connect a resistor from each output to an
appropriate voltage supply. See below table 3 for
more information:
Table 3:
Battery Voltage Level Indication Table
nACOK Output
The ACT3780's nACOK output provides a logic-
level indication of the status of the voltage at
CHG_IN. nACOK is an open-drain output which
sinks current when a valid input is applied to
CHG_IN.
Table 4:
nACOK Output Table
Over Voltage Protection (OVP)
The ACT3780 provides over voltage protection
function. When the ACT3780 detects the voltage at
CHG_IN pin is greater than 6.9V, it automatically
turns off the Q1 Power FET and turns on the Q2 to
supply the system load from the battery.
nSTAT3 Output
The ACT3780's nSTAT3 output provide a logic level
indication of OVP. This is an open-drain Output
which sinks current whenever VCHG_IN is greater
than 6.9V.
Enable/Disable Input
The ACT3780's EN is used to enable the IC. Driving
this pin to a logic high enables the ACT3780.
Driving EN pin to a logic low forces the device to
enter suspend mode. In suspend mode, if a valid
input is present at CHG_IN pin, Q1 is turned off.
And the system is powered by the battery via Q2.
This feature is designed to limit the power drawn
from the input supply (such as USB in suspend
mode).
CC/CV Regulation Loop
At the core of the ACT3780's battery charger is a
CC/CV regulation loop, which regulates either
current or voltage as necessary to ensure fast and
safe charging of the battery. In a normal charge
cycle, this loop regulates the current to the value
set by the external resistor at the ISET pin.
Charging continues at this current until the battery
cell voltage reaches the termination voltage (default
is 4.2V or 4.1V). At this point the CV loop takes
over, and charge current is allowed to decrease as
necessary to maintain charging at the termination
voltage.
Enable/Disable Charging
The ACT3780's DCCC pin can be used to disable
charging. By floating the DCCC pin, the charger will
be disabled.
STATE
nSTAT1
nSTAT2
Precondition
Low
Low
Fast Charge
Low
High
Charge Complete
High
High
Disabled
High
High
Input Floating
High
High
Fault
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com