Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
kHOT(@TC) = VTHH/(RNOM × (ITH + (VCHG_IN - VTHH)/R))
kHOT(@TC) = 0.5V/(6.8kΩ × (100µA + (5V - 0.5V)/82kΩ))
= 0.4748
Reviewing the characteristic curves, the upper
threshold is found to move to 45°C, a change of
about 14°C. Adding the parallel resistance has
allowed us to achieve our desired lower threshold of
0°C with an operating temperature range of 0°C to
45°C, vs. our design target of 0°C to 40°C.
Thermal Regulation and Protection
The
ACT3780
features
an
internal
thermal
regulation loop that reduces the charging current as
necessary to ensure that the die temperature does
not rise beyond the thermal regulation threshold of
110°C. This feature protects the ACT3780 against
excessive junction temperature and makes the
device more accommodating to aggressive thermal
designs. Note, however, that attention to good
thermal designs is required to achieve the fastest
possible charge time by maximizing charge current.
In order to account for the extended total charge
time resulting from operation in thermal regulation
mode, the charge timeout periods are extended
proportionally to the reduction in charge current.
The conditions that cause the ACT3780 to reduce
charge current in accordance to the internal thermal
regulation loop can be approximated by calculating
the power dissipated in the part.
The ACT3780 also features thermal shutdown for
further protection. When the device temperature
exceeds 160°C, the device will automatically turn
off to prevent the IC from damage. After the die
temperature decreases below 135°C, the IC will
automatically restart.
Charging Safety Timers
The ACT3780 features a programmable safety
charging timer by setting an external resistor from
BTR pin to G (RBTR). The time out period is
calculated as shown in Figure 2. The maximum RBTR
should not be larger than 68kΩ.
If the timeout period expires without change
termination, the ACT3780 will jump to EOC state.
If the ACT3780 detects that the charger remains in
precondition for longer than the precondition time
out period (which determined as TNORMAL/3), the
ACT3780 turns off the charger and generates a
FAULT to ensure prevent charging a bad cell.
Figure 3:
Fix VTHL Configuration
Figure 4:
Fix VTHH Configuration
Figure 2:
RBTR (kΩ)
30
35
40
45
50
55
60
65
70
TNORMAL vs. RBTR
190
160
130
100
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com