Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 9Page - Active-Semi, Inc ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc ACT3780 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
Charger State-Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in
this state until VBAT exceeds the Precondition
Threshold Voltage of 2.85V (typ). When operating
in PRECONDITION state, the cell is charged at a
reduced current, 10% of the programmed maximum
fast-charge constant current, ISET. Once VBAT
reaches the Precondition Threshold Voltage the
state machine jumps to the FAST-CHARGE state. If
VBAT does not reach the Precondition Threshold
Voltage before the Precondition Timeout period
TPRECONDITION expires, then a damaged cell is
detected and the state machine jumps to the
TIMEOUT- FAULT State. For the Precondition
Timeout period, see the Charging Safety Timers
section
for more information.
FAST-CHARGE State
In FAST-CHARGE state, the ACT3780 charges at
the current programmed by RISET (see the Current
Limits
and Charge Current Programming section for
more information). During a normal charge cycle
fast-charge continues in CC mode until VBAT
reaches the charge termination voltage (VTERM), at
which point the ACT3780 charges in TOP-OFF
state. If VBAT does not proceed out of the FAST-
CHARGE state before the Normal Timeout period
(TNORMAL) expires, then the state machine jumps to
the END-OF-CHARGE state and will re-initiate a
new charge cycle after 2-4ms “relax”.
TOP-OFF State
In the TOP-OFF state, the cell is charged in
constant-voltage
(CV)
mode.
Charge
current
decreases as charging continues. During a normal
charging cycle charging proceeds until the charge
current decreases below the END-OF-CHARGE
(EOC) threshold, defined as 10% of ISET (ACIN =
1) or 4% of ISET (ACIN = 0) . When this happens,
the state-machine terminates the charge cycle and
jumps to the EOC state.  If the state-machine does
not jump out of the TOP-OFF state before the Total-
Charge Timeout period expires, the state machine
jumps to the EOC state and will re-initiate a new
charge cycle when VBAT falls 175mV(typ) below the
charge termination voltage.
END-OF-CHARGE State
In
the
END-OF-CHARGE
(EOC)
state,
the
ACT3780 presents a high-impedance to the battery,
allowing the cell to “relax” and minimizes battery
leakage current. The ACT3780 continues to monitor
the cell voltage, however, so that it can re-initiate
charging cycles when VBAT falls 175mV(typ) below
the charge termination voltage.
SUSPEND State
The ACT3780 features an user-selectable suspend
charge mode, which disables the charger but keeps
other circuiting functional. The charger can be put
into suspend mode by driving EN to logic low. Upon
exiting the SUSPEND State, the charge timer is
reset
and
the
state
machine
jumps
to
PRECONDITION state.
Figure 5:
Typical Li+ Charge Profile and ACT3780 Charge States
A: PRECONDITION State
B: FAST-CHARGE State
C: TOP-OFF State
D: END-OF-CHARGE State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com