Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT3780 Datasheet HTML 1Page - Active-Semi, Inc ACT3780 Datasheet HTML 2Page - Active-Semi, Inc ACT3780 Datasheet HTML 3Page - Active-Semi, Inc ACT3780 Datasheet HTML 4Page - Active-Semi, Inc ACT3780 Datasheet HTML 5Page - Active-Semi, Inc ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PART NUMBER
BATTERY
VOLTAGE
SYSTEM
VOLTAGE
PACKAGE
PINS
TEMPERATURE
RANGE
ACT3780QY-T
4.2V
4.6V
TQFN44-20
20
-40°C to 85°C
ACT3780QY410-T
4.1V
4.6V
TQFN44-20
20
-40°C to 85°C
PIN CONFIGURATION
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
: Standard product options are identified in this table. Contact factory for custom options. Minimum order quantity is 12,000 units.
Thin-QFN44-20
Top View
1
nACOK
2
3
4
5
67
89
10
15
14
13
12
11
20
19
18
17
16
nBLV1
nBLV2
nSTAT3
nSTAT1
TH
ACIN
G
ISET
EN
ACT3780QY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com