Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
In each design example, we refer to the Vishay
NTHS series of NTCs, and more specifically those
which follow a "curve 2" characteristic. For more
information on these NTCs, as well as access to the
resistance/temperature characteristic tables referred
to in the example, please refer to the Vishay website
at http://www.vishay.com/thermistors.
Simple Solution
The ACT3780 was designed to accommodate most
requirements with very little design effort, but also
provides flexibility when additional control over a
design is required. Initial thermistor selection is
accomplished by choosing one that best meets the
following requirements:
RNOM = 5kΩ/kHOT, and
RNOM = 25kΩ/kCOLD
where kHOT and kCOLD for a given thermistor can be
found on its characteristic tables.
Taking a 0°C to 40°C application using a "curve 2"
NTC for this example, from the characteristic tables
one finds that kHOT and kCOLD are 0.5758 and 2.816,
respectively, and the RNOM that most closely
satisfies these requirements is therefore around
8.8kΩ. Selecting 10kΩ as the nearest standard
value, calculate kCOLD and kHOT as:
kCOLD = VTHL/(ITH × RNOM) = 2.5V/(100µA × 10kΩ) = 2.5
kHOT = VTHH/(ITH × RNOM) = 0.5V/(100µA × 10kΩ) = 0.5
Identifying
these
values
on
the
curve
2
characteristic tables indicates that the resulting
operating temperature range is 2°C to 44°C, vs. the
design goal of 0°C to 40°C. This example
demonstrates that one can satisfy common
operating temperature ranges with very little design
effort.
Fix VTHL
For demonstration purposes, supposing that we
had selected the next closest standard thermistor
value of 6.8kΩ in the example above, we would
have obtained the following results:
kCOLD = VTHL/(ITH × RNOM) = 2.5V/(100µA × 6.8kΩ) = 3.67
kHOT = VTHH/(ITH × RNOM) = 0.5V/(100µA × 6.8kΩ) = 0.74
which, according to the characteristic tables would
have resulted in an operating temperature range of
-6°C to 33°C vs. the design goal of 0°C to 40°C.
In this case, one can add resistance in series with
the thermistor to shift the range upwards, using the
following equation:
(VTHH/ITH) = kHOT(@40°C) × RNOM + R
R = (VTHH/ITH) - kHOT(@40°C) × RNOM
R = (0.5V/100µA) - 0.5758 × 6.8kΩ
Finally,
R = 5kΩ - 3.9kΩ = 1.1kΩ
This result shows that adding 1.1kΩ in series with
the thermistor sets the net resistance from TH to G
to be 0.5V at 40°C, satisfying VTHH at the correct
temperature. Adding this resistance, however, also
impacts the lower temperature limit as follows:
VTHL/ITH = kCOLD(@TC) × RNOM + R
kCOLD(@TC) = (VTHL/ITH - R)/RNOM
Finally,
kCOLD(@TC) = (25kΩ - 1.1kΩ)/6.8kΩ = 3.51
Reviewing the characteristic curves, the lower
threshold is found to move to -5°C, a change of only
1°C. As a result, the system satisfies the upper
threshold of 40°C with an operating temperature
range of -5°C to 40°C, vs. our design target of 0°C
to 40°C. It is informative to highlight that due to the
NTC behavior of the thermistor, the relative impact
on the lower threshold is significantly smaller than
the impact on the upper threshold.
Fix VTHH
Following the same example as above, the
"unadjusted" results yield an operating temperature
range of -6°C to 33°C vs. the design goal of 0°C to
40°C. In applications that favor VTHH over VTHL,
however, one can control the voltage present at TH
at low temperatures by connecting a resistor in
parallel with ITH. The desired resistance can be
found using the following equation:
(ITH + (VCHG_IN - VTHL)/R) × kCOLD(@0°C) × RNOM = VTHL
Rearranging yields
R = (VCHG_IN - VTHL)/(VTHL/(kCOLD(@0°C) × RNOM) - ITH)
R = (5V - 2.5V)/(2.5V/(2.816 × 6.8kΩ) - 100µA)
R = 82kΩ
Adding 82kΩ in parallel with the current source
increases the net
current flowing into the
thermistor, thus increasing the voltage at TH.
Adding this resistance, however, also impacts the
upper temperature limit:
VTHH = (ITH + (VCHG_IN - VTHH)/R) × kHOT(@40°C) × RNOM
Rearranging yields,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com