Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc ACT3780 Datasheet HTML 17Page - Active-Semi, Inc ACT3780 Datasheet HTML 18Page - Active-Semi, Inc ACT3780 Datasheet HTML 19Page - Active-Semi, Inc ACT3780 Datasheet HTML 20Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 17 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
SYS Voltage vs. SYS Current (USB)
RDSON Q1 vs. Temperature
Temperature (°C)
-40
-15
10
35
60
85
110
135
(VCHG_IN = 5V, RDCCC = 18.7kΩ, TA = 25°C, unless otherwise specified.)
VCHG_IN = 5V - 100mA
VCHG_IN = 5V - 500mA
VCHG_IN = 4.5V
No BAT
4.80
4.60
4.40
4.20
4.00
3.80
3.60
3.40
SYS Current (mA)
0
400
800
1200
1600
2000
2400
0.6
0.5
0.4
0.3
0.2
0.1
DC Connect with Battery Present
CH1
CH2
CH3
0mA
CH1: VSYS, 2.00V/div
CH2: VCHG_IN, 5.00V/div
CH3: IBAT, 500mA/div
TIME: 400µs/div
0V
RSYS = 22Ω
VBAT = 3.6V
ACIN/CHGLEV = 11
Charging
CH1
CH2
CH3
DC Disconnect with Battery Present
0V
0mA
Charging
RSYS = 22Ω
VBAT = 3.6V
ACIN/CHGLEV = 11
CH1: VSYS, 2.00V/div
CH2: VCHG_IN, 5.00V/div
CH3: IBAT, 500mA/div
TIME: 400μs/div
CH1
CH2
CH3
Battery Connect
CH1: VSYS, 2.00V/div
CH2: VBAT, 2.00V/div
CH3: IBAT, 200mA/div
TIME: 400μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com