Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3780 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 4Page - Active-Semi, Inc ACT3780 Datasheet HTML 5Page - Active-Semi, Inc ACT3780 Datasheet HTML 6Page - Active-Semi, Inc ACT3780 Datasheet HTML 7Page - Active-Semi, Inc ACT3780 Datasheet HTML 8Page - Active-Semi, Inc ACT3780 Datasheet HTML 9Page - Active-Semi, Inc ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
(1)
FUNCTIONAL DESCRIPTION
The ACT3780 is a complete battery-charging and
system power management solution for portable
hand-held equipment using single-cell Lithium-
based batteries. The ACT3780 incorporates Active-
Semi's
patent-pending
ActivePath
architecture
which automatically selects the best available input
supply for the system, and additionally features a
complete,
high-accuracy
(±0.5%),
thermally
regulated, Full-Featured single cell linear Li+
charger with an integrated 12V power MOSFET.
ActivePath
Architecture
Active-semi's proprietary ActivePath architecture
performs three important functions:
System Configuration Optimization
Depending upon the state of the input supply,
ActivePath
automatically optimizes the power
system configuration. If the input supply is
present, ActivePath powers the system in parallel
with the battery, so that both system power and
charge current can be independently managed to
ensure that system power requirements are
satisfied, the battery can charge as quickly as
possible, and to ensure that the total system current
does not exceed the capability of the input supply. If
the input supply is not present, then ActivePath
automatically configures the system to draw
power from the battery. Finally, if the system
current requirement exceeds the capability of the
input supply, ActivePath automatically configures
the battery to support the load in parallel with the
input
supply,
to
ensure
maximum
supply
capability
to
the
load
under
peak-power
consumption conditions.
Input MOSFET Power (Q1)
At the input of the ACT3780's ActivePath circuit is
Q1, an integrated 12V power MOSFET. Q1 is part
of an internal low-dropout linear regulator that
regulates the system voltage (VSYS) to 4.6V,
protecting the system from high-voltage input
supplies. Q1 includes several features that can be
used to limit the total current drawn from the input
supply.
ACIN's current limit is determined primarily by the
ACIN input, Q1 operates in “AC-Mode” when ACIN
is driven to a logic-high, and Q1 operates in “USB-
Mode” when driven to a logic-low. When operating
in “AC-Mode”, Q1's internal current limit is
programmed to 2.5A. When operating in “USB-
Mode”, Q1's current limit is set to either 450mA,
when CHGLEV is driven to a logic-high, or to 90mA,
when CHGLEV is driven to a logic-low. This
functionality
provides
simple
means
of
implementing a solution that operates within the
current-capability limitations of the USB port while
taking advantage of the high output current
capability of AC adapters. For more information
about the ACIN input, see the ACIN and CHGLEV
Inputs section.
Dual-Function MOSFET (Q2)
Q2 is a dual-function power MOSFET, that serves
both as a low-resistance (50mΩ) switch that
supplies the load current requirements of the
system from the battery when no input supply is
present or the system demands more current than
the input can provide.
Current-Limits and Charge-Current
Programming
ACT3780 provides a flexible current programming
scheme that combines the convenience of internal
charge current programming with the flexibility of
resistor-based
charge
current
programming.
Current limits and charge current programming are
managed as a function of the ACIN and CHGLEV
pins, in combination with RISET, the resistance
connected to the ISET pin.
ACIN and CHGLEV Inputs
ACIN is a logic input that configures the current-limit
of input transistor (Q1) as well as that of the battery
charger. ACIN features an logic input threshold, so
that the input voltage detection threshold may be
adjusted with a simple resistive voltage divider. This
input also allows a simple, low-cost dual-input
charger switch to be implemented with just a few,
low-cost components. As shown in the Functional
Block Diagram.
When ACIN is driven to a logic high, the ActivePath
operates in “AC-Mode” and the charger charges at
the current programmed by RISET,
When ACIN is driven to a logic-low, the ActivePath
circuitry operates in “USB-Mode”, which enforces a
maximum charge current setting of 450mA, if
CHGLEV is driven to a logic-high, or 90mA, if
CHGLEV is driven to a logic-low.
ISET(mA) = 495 / (RISET(kΩ) - 0.036)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com