Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 10Page - Active-Semi, Inc ACT8810 Datasheet HTML 11Page - Active-Semi, Inc ACT8810 Datasheet HTML 12Page - Active-Semi, Inc ACT8810 Datasheet HTML 13Page - Active-Semi, Inc ACT8810 Datasheet HTML 14Page - Active-Semi, Inc ACT8810 Datasheet HTML 15Page - Active-Semi, Inc ACT8810 Datasheet HTML 16Page - Active-Semi, Inc ACT8810 Datasheet HTML 17Page - Active-Semi, Inc ACT8810 Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
SYSTEM MANAGEMENT
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 14 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
enable and disable REG1, REG2, and REG3,
respectively. Once the system is enabled, the
system will remain enabled until all of ON1, ON2,
and ON3 have been de-asserted. See the Control
Sequence
section for more information.
Power-On Reset Output
nRSTO is an open-drain output which asserts low
upon startup or when nPBIN is driven directly to
GA, and remains asserted low until the 260ms
(default) power-on reset timer has expired. Connect
a 10kΩ or greater pull-up resistor from nRSTO to an
appropriate voltage supply.
nIRQ Output
nIRQ is an open-drain output that asserts low any
time startup or an unmasked fault condition exists.
When asserted, nIRQ remains low until the
microprocessor polls the ACT8810's I2C interface.
The ACT8810 supports a variety of other fault
conditions, which may each be optionally unmasked
via the I2C interface. For more information about the
available fault conditions, refer to the appropriate
sections of this datasheet.
Connect a pull-up resistor from nIRQ to an
appropriate voltage supply. nIRQ is typically used to
drive the interrupt input of the system processor,
and is useful in a variety of software-controlled
enable/disable control routines.
Thermal Shutdown
The
ACT8810
integrates
thermal
shutdown
protection circuitry to prevent damage resulting
from excessive thermal stress, as may be
encountered under fault conditions. This circuitry
disables all regulators if the ACT8810 die
temperature exceeds 160°C, and prevents the
regulators from being enabled until the IC
temperature drops by 20°C (typ).
Control Sequence
Sequence A
The ACT8810QJ1## which is set with “sequence
A“, has a system startup is initiated whenever the
following conditions occurs:
1) nPBIN is pushed low via 100kΩ resistance,
When
ever
this
condition
exists,
the
ACT8810QJ1##
begins
its
system
startup
procedure by enabling REG1. When REG1 reaches
94% of its final regulation voltage, ACT8810QJ1##
automatically turns on REG4 and REG5 and
nRSTO is asserted low, holding the microprocessor
in reset for a user-selectable reset period of 260ms.
If VOUT1 is within 6% of its regulation voltage when
the reset timer expires, the nRSTO is de-asserted,
and the microprocessor can begin its power-up
sequence.
Once
the
power-up
routine
is
successfully
completed,
the
system
remains
enabled after the push-button is released as long as
the microprocessor asserts any one of ON1, ON2
or ON3, and REG4, REG5 may be enabled or
disabled via the I2C interface.
This
start-up
procedure
requires
that
the
pushbutton be held until the microprocessor
assumes control (by asserting any one of ON1,
ON2, and ON3), providing protection against
inadvertent
momentary
assertions
of
the
pushbutton. If desired, longer “push-and-hold” times
can be easily implemented by simply adding an
additional time delay before asserting ON1, ON2, or
ON3. If the microprocessor is unable to complete its
power-up routine successfully before the user lets
go of the push-button, the ACT8810QJ1##
automatically shuts itself down.
Figure 3:
Sequence A
FUNCTIONAL DESCRIPTION CONT’D
260ms
94% of VOUT1
nPBIN
System Enable
OUT1
OUT2, OUT3
Reset time Enable
nRSTO
First Push
Button
Assert
Power-Hold
Second Push
Button
Release
Button
System
Shutdown
ON1, ON2, ON3
OUT4, OUT5
nIRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com