Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT8810 Datasheet HTML 1Page - Active-Semi, Inc ACT8810 Datasheet HTML 2Page - Active-Semi, Inc ACT8810 Datasheet HTML 3Page - Active-Semi, Inc ACT8810 Datasheet HTML 4Page - Active-Semi, Inc ACT8810 Datasheet HTML 5Page - Active-Semi, Inc ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
TH
Temperature Sensing Input. Connect to battery thermistor. TH is pulled up with a 100µA current internally.
See the Battery Temperature Monitoring section for more information.
2
DCCC
Dynamic Charging Current Control. Connect a resistor to set the dynamic charging current control point.
A internal 100µA current source sets up a voltage that is used to compare with VSYS and dynamically
scale the charging current to maintain VSYS regulation. See the Dynamic Charge Current Control
section for more information.
3
BTR
Safety Timer Program Pin. The resistance between this pin and GA determines the timers timeout
values. See the Charging Safety Timers section for more information.
4
ACIN
AC Adaptor Detect. Detects presence of a wall adaptor and automatically adjusts the charge current
to the maximum charge current level. Do not leave ACIN floating.
5, 6
BAT
Battery Charger Output. Connect this pin directly to the battery anode (+ terminal)
7, 8
VSYS
System Output Pin. Bypass to GA with a 10µF or larger ceramic capacitor.
9
CHG_IN
Power Input for the Battery Charger. Bypass CHG_IN to GA with a capacitor placed as close to the
IC as possible. The battery charger are automatically enabled when a valid voltage is present on
CHG_IN. See the CHG_IN Bypass Capacitor Selection section for more information.
10
ISET
Charge Current Set. Program the maximum charge current by connecting a resistor (RISET) between
ISET and GA. See the Charger Current Programming section for more information.
11
VSEL
Step-Down DC/DCs Output Voltage Selection. Drive to logic low to select default output voltage.
Drive to logic high to select secondary output voltage. See the Output Voltage Selection Pin section
for more information.
12
ON1
Independent Enable Control Input for REG1. Drive ON1 to VSYS or to a logic high for normal
operation, drive to GA or a logic low to disable REG1. Do not leave ON1 floating.
13
OUT2
Output Feedback Sense for REG2. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
14
VP2
Power Input for REG2. Bypass to GP2 with a high quality ceramic capacitor placed as close as
possible to the IC.
15
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
16
GP2
Power Ground for REG2. Connect GA, GP1, GP2 and GP3 together at a single point as close to the
IC as possible.
17
GP1
Power Ground for REG1. Connect GA, GP1, GP2 and GP3 together at a single point as close to the
IC as possible.
18
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
19
VP1
Power Input for REG1. Bypass to GP1 with a high quality ceramic capacitor placed as close as
possible to the IC.
20
OUT1
Output Feedback Sense for REG1. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
21
ON3
Enable Control Input for REG3. Drive ON3 to a logic high for normal operation, drive to GA or a logic
low to disable REG3. Do not leave ON3 floating.
22
SCL
Clock Input for I2C Serial Interface.
23
SDA
Data Input for I2C Serial Interface. Data is read on the rising edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com