Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 42 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 42 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 38Page - Active-Semi, Inc ACT8810 Datasheet HTML 39Page - Active-Semi, Inc ACT8810 Datasheet HTML 40Page - Active-Semi, Inc ACT8810 Datasheet HTML 41Page - Active-Semi, Inc ACT8810 Datasheet HTML 42Page - Active-Semi, Inc ACT8810 Datasheet HTML 43Page - Active-Semi, Inc ACT8810 Datasheet HTML 44Page - Active-Semi, Inc ACT8810 Datasheet HTML 45Page - Active-Semi, Inc ACT8810 Datasheet HTML 46Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
ActivePath
TM CHARGER
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 42 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(VCHG_IN = 5V, RDCCC = 20k, RISET = 680Ω, TA = 25°C, unless otherwise specified.)
SYS Current (mA)
0
1000
2000
3000
4.25
4.15
4.05
3.95
3.85
3.75
ISYS = 10mA
VBAT = 4.2V
SYS Output Voltage vs. CHG_IN Voltage
SYS Voltage vs. SYS Current
4.8
4.6
4.5
4.4
4.3
4.2
4.1
4.0
4.7
CHG_IN Voltage (V)
0
2
4
6
8
10
12
14
Battery Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charger Current vs. Battery Voltage (USB Mode)
CHG_IN = 5V
ISYS = 0mA
100mA USB
100
80
60
40
20
0
VBAT Falling
VBAT Rising
Battery Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charger Current vs. Battery Voltage (USB Mode)
450
400
350
300
250
200
150
100
50
0
500
Charger Current vs. Battery Voltage (AC Mode)
900
800
700
600
500
400
300
200
100
0
Battery Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Battery Voltage Falling
Battery Voltage Rising
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
Fast Charge Current vs. Ambient Temperature
ACIN, CHGLEV = 11
ACIN, CHGLEV = 10
ACIN, CHGLEV = 01
ACIN, CHGLEV = 00
1200
1000
800
600
400
200
0
CHG_IN = 5V
ISYS = 0mA
500mA USB
Battery Voltage Falling
Battery Voltage Rising
ISYS = 0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com