Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 2Page - Active-Semi, Inc ACT8810 Datasheet HTML 3Page - Active-Semi, Inc ACT8810 Datasheet HTML 4Page - Active-Semi, Inc ACT8810 Datasheet HTML 5Page - Active-Semi, Inc ACT8810 Datasheet HTML 6Page - Active-Semi, Inc ACT8810 Datasheet HTML 7Page - Active-Semi, Inc ACT8810 Datasheet HTML 8Page - Active-Semi, Inc ACT8810 Datasheet HTML 9Page - Active-Semi, Inc ACT8810 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
25
OUT3
Output Feedback Sense for REG3. Connect this pin directly to the output node to connect the
internal feedback network to the output voltage.
26
GP3
Power Ground for REG3. Connect GA, GP1, GP2, and GP3 together at a single point as close to
the IC as possible.
27
SW3
Switching Node Output for REG3. Connect this pin to the switching end of the inductor.
28
VP3
Power Input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close as
possible to the IC.
29
OUT6
RTC LDO Output Voltage. Capable of delivering up to 30mA of output current.
30
OUT5
Output Voltage for REG5. Capable of delivering up to 360mA of output current. The output is
discharged to GA with 1kΩ when disabled.
31
INL
Power Input for REG4, REG5, and REG6. Bypass to GA with a high quality ceramic capacitor
placed as close as possible to the IC.
32
OUT4
Output Voltage for REG4. Capable of delivering up to 360mA of output current. The output is
discharged to GA with 1kΩ when disabled.
33
nSTAT0
Active-Low Open-Drain Charger Status Output. nSTAT0 has a 5mA (typ) current limit, allowing it to
directly drive an indicator LED without additional external components. To generate a logic-level
output, connect nSTAT0 to an appropriate supply voltage (typically VSYS) through a 10kΩ or
greater pull-up resistor. See the Charge Status Indication section for more information.
34
ON2
Independent Enable Control Input for REG2. Drive ON2 to a logic high for normal operation, drive to
GA or a logic low to disable REG2. Do not leave ON2 floating.
35
GA
Analog Ground. Connect GA directly to a quiet ground node. Connect GA, GP1, GP2, and GP3
together at a single point as close to the IC as possible.
36
REFBP
Reference Noise Bypass. Connect a 0.01μF ceramic capacitor from REFBP to GA. This pin is
discharged to GA in shutdown.
38
nRSTO
Open-Drain Reset Output. nRSTO asserts low whenever REG1 is out of regulation, and remains low
for 260ms (typ) after REG1 reaches regulation.
39
nIRQ
Open-Drain Interrupt Output. nIRQ asserts any time nPBIN is asserted or an unmasked fault
condition exists. See the nIRQ Output section for more information.
40
CHGLEV
Charging State Select Input.
When ACIN = 0 charge current is internally set; Drive CHGLEV to a logic-high for high-current USB
charging mode (maximum charge current is 500mA), drive CHGLEV to a logic-low for low-current
USB charging mode (maximum charge current is 100mA).
When ACIN = 1 charge current is externally set by RISET; Drive CHGLEV to a logic-high to for high-
current charging mode (ISET (mA) = KISET × 1V/(RISET (kΩ) +0.031) where KISET = 628), drive
CHGLEV to a logic-low for low-current charging mode (ISET (mA) = KISET × 1V/(RISET (kΩ) + 0.031)
where KISET = 314). Do not leave CHGLEV floating.
EP
EP
Exposed Pad. Must be soldered to ground on the PCB.
24
nPBIN
Master Enable Input. Drive nPBIN to GA through a 100kΩ resistor to enable the IC, drive nPBIN
directly to GA to assert a Hard-Reset condition. Refer to the System Startup & Shutdown and
Control Sequence
sections for more information. nPBIN is internally pulled up to VSYS through a
50kΩ resistor.
37
nSTAT1
Active-Low Open-Drain Charger Status Output. nSTAT1 has a 5mA (typ) current limit, allowing it to
directly drive an indicator LED without additional external components. To generate a logic-level
output, connect nSTAT1 to an appropriate supply voltage (typically VSYS) through a 10kΩ or
greater pull-up resistor. See the Charge Status Indication section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com