Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 19Page - Active-Semi, Inc ACT8810 Datasheet HTML 20Page - Active-Semi, Inc ACT8810 Datasheet HTML 21Page - Active-Semi, Inc ACT8810 Datasheet HTML 22Page - Active-Semi, Inc ACT8810 Datasheet HTML 23Page - Active-Semi, Inc ACT8810 Datasheet HTML 24Page - Active-Semi, Inc ACT8810 Datasheet HTML 25Page - Active-Semi, Inc ACT8810 Datasheet HTML 26Page - Active-Semi, Inc ACT8810 Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 23 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
REGISTER DESCRIPTIONS CONT’D
Table 6:
REG1/VSETx[ ] Output Voltage Setting
REG1/VSETx[3:0]
REG1/VSETx[5:4]
REG1/VRANGE[ ] = [0]
REG1/VRANGE[ ] = [1]
00
01
10
11
00
01
10
11
0000
Adjustable
1.025
1.425
1.825
Adjustable
2.050
2.850
3.650
0001
0.800
1.050
1.450
1.850
1.300
2.100
2.900
3.700
0010
0.800
1.075
1.480
1.875
1.350
2.150
2.950
3.750
0011
0.800
1.100
1.500
1.900
1.400
2.200
3.000
3.800
0100
0.800
1.125
1.525
1.925
1.450
2.250
3.050
3.850
0101
0.800
1.150
1.550
1.950
1.500
2.300
3.100
3.900
0110
0.800
1.175
1.575
1.975
1.550
2.350
3.150
3.950
0111
0.800
1.200
1.600
2.000
1.600
2.400
3.200
4.000
1000
0.825
1.225
1.625
2.025
1.650
2.450
3.250
4.050
1001
0.850
1.250
1.650
2.050
1.700
2.500
3.300
4.100
1010
0.875
1.275
1.675
2.075
1.750
2.550
3.350
4.150
1011
0.900
1.300
1.700
2.100
1.800
2.600
3.400
4.200
1100
0.925
1.325
1.725
2.125
1.850
2.650
3.450
4.250
1101
0.950
1.350
1.750
2.150
1.900
2.700
3.500
4.300
1110
0.975
1.375
1.775
2.175
1.950
2.750
3.550
4.350
1111
1.000
1.400
1.800
2.200
2.000
2.800
3.600
4.400
: Care must be taken when adjusting the VRANGE[ ] selection at address 13h bit-6 to avoid undesired output voltage selections. The
VRANGE bit allows selection of the two output voltage ranges available for REG1, REG2 and REG3 (VRANGE = 0 – VOUT range 0.8V
to 2.2V, VRANGE = 1 – VOUT range 1.3V to 4.4V). It is recommended that the user first establishes if the new VOUT voltage is within the
current selected voltage range (selected by VRANGE) prior to changing the value of the VRANGE bit.
: Refer to the Output Voltage Programming section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com