Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc ACT8810 Datasheet HTML 38Page - Active-Semi, Inc ACT8810 Datasheet HTML 39Page - Active-Semi, Inc ACT8810 Datasheet HTML 40Page - Active-Semi, Inc ACT8810 Datasheet HTML 41Page - Active-Semi, Inc ACT8810 Datasheet HTML 42Page - Active-Semi, Inc ACT8810 Datasheet HTML 43Page - Active-Semi, Inc ACT8810 Datasheet HTML 44Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
ActivePath
TM CHARGER
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 40 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
ELECTRICAL CHARACTERISTICS
(VCHG_IN = 5V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ActivePath
CHG_IN Operating Voltage Range
4.35
6.0
V
CHG_IN UVLO Threshold
CHG_IN Voltage Rising
3.6
3.8
4.0
V
CHG_IN UVLO Hysteresis
CHG_IN Voltage Falling
0.8
V
CHG_IN OVP Threshold
CHG_IN Voltage Falling
6.0
6.5
7.0
V
CHG_IN OVP Hysteresis
CHG_IN Voltage Rising
350
mV
CHG_IN Supply Current
VCHG_IN < VUVLO
20
µA
VCHG_IN < VBAT + 120mV, VCHG_IN > VUVLO
50
120
200
µA
VCHG_IN > VBAT + 120mV, VCHG_IN > VUVLO
Charger disabled, ISYS = 0mA
1.8
mA
CHG_IN to VSYS On-Resistance
IVSYS = 100mA
0.4
0.6
Ω
CHG_IN to VSYS Current Limit
ACIN = VSYS
1.5
2
3
A
ACIN = GA, CHGLEV = GA
85
95
105
mA
ACIN = GA, CHGLEV = VSYS
400
450
500
VSYS AND DCCC REGULATION
VSYS Regulated Voltage
IVSYS = 10mA
4.4
4.6
4.8
V
DCCC Pull-Up Current
VCHG_IN > VBAT + 120mV, Hysteresis = 50mV
92
100
108
µA
nSTATx OUTPUT
nSTATx Sink Current
VnSTATx = 2V
3
5
7
mA
nSTATx Output Low Voltage
InSTATx = 1mA
0.4
V
nSTATx Leakage Current
VnSTATx = 4.2V
1
µA
ACIN AND CHGLEV INPUTS
CHGLEV Logic High Input Voltage
1.4
V
CHGLEV Logic Low Input Voltage
0.4
V
CHGLEV Leakage Current
VCHGLEV = 4.2V
1
µA
ACIN Logic High Input Voltage
1.4
V
ACIN Logic Low Input Voltage
0.4
V
ACIN Leakage Current
VACIN = 4.2V
1
µA
TEMPERATURE SENSE COMPARATOR
TH Pull-Up Current
VCHG_IN > VBAT + 120mV, Hysteresis = 50mV
92
100
108
µA
VTH Upper Temperature Voltage
Threshold (VTHH)
Hot Detect NTC Thermistor
0.485
0.500
0.525
V
VTH Lower Temperature Voltage
Threshold (VTHL)
Cold Detect NTC Thermistor
2.47
2.52
2.57
V
VTH Hysteresis
Upper and Lower
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com