Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 15Page - Active-Semi, Inc ACT8810 Datasheet HTML 16Page - Active-Semi, Inc ACT8810 Datasheet HTML 17Page - Active-Semi, Inc ACT8810 Datasheet HTML 18Page - Active-Semi, Inc ACT8810 Datasheet HTML 19Page - Active-Semi, Inc ACT8810 Datasheet HTML 20Page - Active-Semi, Inc ACT8810 Datasheet HTML 21Page - Active-Semi, Inc ACT8810 Datasheet HTML 22Page - Active-Semi, Inc ACT8810 Datasheet HTML 23Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 19 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
: VNOM3 refers to the nominal output voltage level for VOUT3 as defined by the Ordering Information section.
ELECTRICAL CHARACTERISTICS (REG3)
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VP3 Operating Voltage Range
2.9
5.5
V
VP3 UVLO Threshold
Input Voltage Rising
2.7
2.8
2.9
V
VP3 UVLO Hysteresis
Input Voltage Falling
85
mV
Quiescent Supply Current
130
200
µA
Shutdown Supply Current
REG3 Disabled, VVP3 = 4.2V
0.1
1
µA
Output Voltage Regulation Accuracy
VNOM3 < 1.5V, IOUT3 = 10mA
-2.1%
VNOM3
+2.1%
VNOM3 ≥ 1.5V, IOUT3 = 10mA
-1.5%
VNOM3
+1.5%
Line Regulation
VVP3 = Max(VNOM3 + 1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation
IOUT3 = 10mA to 550mA
0.0017
%/mA
Current Limit
0.55
0.7
A
Oscillator Frequency
VOUT3 ≥ 20% of VNOM3
1.35
1.6
1.85
MHz
VOUT3 = 0V
540
kHz
PMOS On-Resistance
ISW3 = -100mA
0.46
0.69
NMOS On-Resistance
ISW3 = 100mA
0.3
0.55
SW3 Leakage Current
VVP3 = 5.5V, VSW3 = 5.5V or 0V
1
µA
Power Good Threshold
94
%VNOM3
Minimum On-Time
60
ns
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com