Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 30Page - Active-Semi, Inc ACT8810 Datasheet HTML 31Page - Active-Semi, Inc ACT8810 Datasheet HTML 32Page - Active-Semi, Inc ACT8810 Datasheet HTML 33Page - Active-Semi, Inc ACT8810 Datasheet HTML 34Page - Active-Semi, Inc ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc ACT8810 Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 34 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 13:
REG45 Control Register Map
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
40h
DIS4
R
ON4
VSET4
41h
DIS5
R
ON5
VSET5
43h
R
R
R
R
R
R
nFLTMSK
OK
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
40h
VSET4
[4:0]
R/W
REG4 Output Voltage
Selection
See Table 15
40h
ON4
[5]
R/W
REG4 Enable
0
REG4 Disable
1
REG4 Enable
40h
[6]
R
READ ONLY
40h
DIS4
[7]
R/W
REG4 Discharge Enable
0
Discharge Disable
1
Discharge Enable
41h
VSET5
[4:0]
R/W
REG5 Output Voltage
Selection
See Table 15
41h
ON5
[5]
R/W
REG5 Enable
0
REG5 Disable
1
REG5 Enable
41h
[6]
R
READ ONLY
41h
DIS5
[7]
R/W
REG5 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
OK
[0]
R
REG4 Power-OK
0
Output is not OK
1
Output is OK
nFLTMSK
[1]
R/W
REG4 Output Voltage Fault
Mask Option
0
Masked
1
Not Mask
43h
[7:2]
R
READ ONLY
43h
Table 14:
REG45 Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com