Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 11Page - Active-Semi, Inc ACT8810 Datasheet HTML 12Page - Active-Semi, Inc ACT8810 Datasheet HTML 13Page - Active-Semi, Inc ACT8810 Datasheet HTML 14Page - Active-Semi, Inc ACT8810 Datasheet HTML 15Page - Active-Semi, Inc ACT8810 Datasheet HTML 16Page - Active-Semi, Inc ACT8810 Datasheet HTML 17Page - Active-Semi, Inc ACT8810 Datasheet HTML 18Page - Active-Semi, Inc ACT8810 Datasheet HTML 19Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
SYSTEM MANAGEMENT
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 15 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
System
Shutdown
260ms
94% of VOUT1
nPBIN
System Enable
OUT1
Enable Qualification
OUT2, OUT3
Reset time Enable
nRSTO
~100ms
First Push
Button
Assert
Power-Hold
Second Push
Button
Release
Button
ON1, ON2, ON3
OUT4, OUT5
REG4.ON[ ],
REG5.ON[ ]
nIRQ
260ms
94% of VOUT1
nPBIN
System Enable
OUT1
Enable Qualification
OUT2, OUT3
Reset time Enable
nRSTO
~100ms
First Push
Button
Assert
Power-Hold
Second Push
Button
Release
Button
System
Shutdown
ON1, ON2, ON3
OUT4, OUT5
nIRQ
Sequence B
The ACT8810QJ2## which is set with “sequence
B“, has a system startup is initiated whenever the
following conditions occurs:
1) nPBIN is pushed low via 100kΩ resistance,
When
ever
this
condition
exists,
the
ACT8810QJ2##
begins
its
system
startup
procedure by enabling REG1. When REG1 reaches
94% of its final regulation voltage, ACT8810QJ2##
automatically turns on REG2 and REG3 and
nRSTO is asserted low, holding the microprocessor
in reset for a user-selectable reset period of 260ms.
If VOUT1 is within 6% of its regulation voltage when
the reset timer expires, the nRSTO is de-asserted,
and the microprocessor can begin its power-up
sequence.
Once
the
power-up
routine
is
successfully
completed,
the
system
remains
enabled after the push-button is released as long as
the microprocessor asserts any one of ON1, ON2
or ON3. REG4 and REG5 may be enabled if the
microprocessor sets REG4.ON[ ] and REG5.ON[ ]
to 1 via the I2C interface. In other case, REG4 and
REG5 are disable.
This
start-up
procedure
requires
that
the
pushbutton be held until the microprocessor
assumes control (by asserting any one of ON1,
ON2, and ON3), providing protection against
inadvertent
momentary
assertions
of
the
pushbutton. If desired, longer “push-and-hold” times
can be easily implemented by simply adding an
additional time delay before asserting ON1, ON2, or
ON3. If the microprocessor is unable to complete its
power-up routine successfully before the user lets
go of the push-button, the ACT8810QJ2##
automatically shuts itself down.
Figure 4:
Sequence B
Sequence C
The ACT8810QJ3## which is set with “sequence
C“, has a system startup is initiated whenever the
following conditions occurs:
1) nPBIN is pushed low via 100kΩ resistance,
When
ever
this
condition
exists,
the
ACT8810QJ3##
begins
its
system
startup
procedure by enabling REG1. When REG1 reaches
94% of its final regulation voltage, ACT8810QJ3##
automatically turns on REG2, REG3, REG4, REG5
and
nRSTO
is
asserted
low,
holding
the
microprocessor in reset for a user-selectable reset
period of 260ms. If VOUT1 is within 6% of its
regulation voltage when the reset timer expires, the
nRSTO is de-asserted, and the microprocessor can
begin its power-up sequence. Once the power-up
routine is successfully completed, the system
remains enabled after the push-button is released
as long as the microprocessor asserts any one of
ON1, ON2 or ON3, and REG4, REG5 may be
enabled or disabled via the I2C interface.
This
start-up
procedure
requires
that
the
pushbutton be held until the microprocessor
assumes control (by asserting any one of ON1,
ON2, and ON3), providing protection against
inadvertent
momentary
assertions
of
the
pushbutton. If desired, longer “push-and-hold” times
can be easily implemented by simply adding an
additional time delay before asserting ON1, ON2, or
ON3. If the microprocessor is unable to complete its
power-up routine successfully before the user lets
go of the push-button, the ACT8810QJ3##
automatically shuts itself down.
Figure 5:
Sequence C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com