Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8810 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT8810
Description  Eight Channel ActivePathTM Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8810 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT8810 Datasheet HTML 35Page - Active-Semi, Inc ACT8810 Datasheet HTML 36Page - Active-Semi, Inc ACT8810 Datasheet HTML 37Page - Active-Semi, Inc ACT8810 Datasheet HTML 38Page - Active-Semi, Inc ACT8810 Datasheet HTML 39Page - Active-Semi, Inc ACT8810 Datasheet HTML 40Page - Active-Semi, Inc ACT8810 Datasheet HTML 41Page - Active-Semi, Inc ACT8810 Datasheet HTML 42Page - Active-Semi, Inc ACT8810 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
RTC LOW-DROPOUT LINEAR REGULATOR
ACT8810
Rev 9, 15-Nov-12
Innovative Power
TM
- 39 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
General Description
REG6 is an always-on, low-dropout linear regulator
(LDO) that is optimized for RTC and backup-battery
applications. REG6 features low-quiescent supply
current, current-limit protection, and reverse-current
protection, and is ideally suited for always-on power
supply applications, such as for a real-time clock, or
as a backup-battery or super-cap charger.
Output Voltage
By default, REG6's output voltage is as defined in
the Ordering Information section. However, this
voltage may be programmed by writing to the
REG6CFG/VSETx[ ] register via the I2C interface.
Reverse-Current Protection
REG6 features internal circuitry that limits the
reverse supply current to less than 1µA when the
input voltage falls below the output voltage, as can
be
encountered
in
backup-battery
charging
applications. REG6's internal circuitry monitors the
input and the output, and disconnects internal
circuitry and parasitic diodes when the input voltage
falls below the output voltage, greatly minimizing
backup battery discharge.
Typical Application
Voltage Regulators
REG6 is ideally suited for always-on voltage-
regulation applications, such as for real-time clock
and memory keep-alive applications. This regulator
requires only a small ceramic capacitor with a
minimum capacitance of 1μF for stability. For best
performance, the output capacitor should be
connected directly between the output and GA, with
a short and direct connection.
Figure 9:
Typical Application of RTC LDO
Backup Battery Charging
REG6 features a constant current-limit, which
protects the IC under output short-circuit conditions
as well as provides a constant charge current, when
operating as a backup battery charger.
As shown in Figure 10, REG6 features a CC/CV
output characteristic, regulating its output voltage
for load currents up to 30mA, and regulating output
current when the load exceeds (typically) 60mA.
Figure 10:
REG6 Output Voltage
FUNCTIONAL DESCRIPTION
4
3
2
1
0
REG6 Output Voltage vs. Load Current
Constant Voltage Region
Constant Current Region
Load Current (mA)
20
0
40
60
80
100
ACT8810
RTC
Supper cap or
Back-up battery
OUT6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com