Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 13Page - Active-Semi, Inc ACT8828 Datasheet HTML 14Page - Active-Semi, Inc ACT8828 Datasheet HTML 15Page - Active-Semi, Inc ACT8828 Datasheet HTML 16Page - Active-Semi, Inc ACT8828 Datasheet HTML 17Page - Active-Semi, Inc ACT8828 Datasheet HTML 18Page - Active-Semi, Inc ACT8828 Datasheet HTML 19Page - Active-Semi, Inc ACT8828 Datasheet HTML 20Page - Active-Semi, Inc ACT8828 Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 17 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
: VNOM1 refers to the nominal output voltage level for VOUT1 as defined by the Ordering Information section.
ELECTRICAL CHARACTERISTICS (REG1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VP1 Operating Voltage Range
2.9
5.5
V
VP1 UVLO Threshold
Input Voltage Rising
2.7
2.8
2.9
V
VP1 UVLO Hysteresis
Input Voltage Falling
85
mV
Standby Supply Current
130
200
µA
Shutdown Supply Current
REG1 is disabled, VVP1 = 4.2V
0.1
1
µA
Output Voltage Regulation Accuracy
VNOM1 < 1.5V, IOUT1 = 10mA
-2.1%
VNOM1
+2.1%
VNOM1 ≥ 1.5V, IOUT1 = 10mA
-1.5%
VNOM1
+1.5%
Line Regulation
VVP1 = Max(VNOM1 + 1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation
IOUT1 = 10mA to 1.3A
0.0017
%/mA
Current Limit
1.4
1.8
A
Oscillator Frequency
VOUT1 ≥ 20% of VNOM1
1.35
1.6
1.85
MHz
VOUT1 = 0V
540
kHz
PMOS On-Resistance
ISW1 = -100mA
0.16
0.24
Ω
NMOS On-Resistance
ISW1 = 100mA
0.16
0.24
Ω
SW1 Leakage Current
VVP1 = 5.5V, VSW1 = 5.5V or 0V
1
µA
Power Good Threshold
94
%VNOM1
Minimum On-Time
60
ns
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com