Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 28Page - Active-Semi, Inc ACT8828 Datasheet HTML 29Page - Active-Semi, Inc ACT8828 Datasheet HTML 30Page - Active-Semi, Inc ACT8828 Datasheet HTML 31Page - Active-Semi, Inc ACT8828 Datasheet HTML 32Page - Active-Semi, Inc ACT8828 Datasheet HTML 33Page - Active-Semi, Inc ACT8828 Datasheet HTML 34Page - Active-Semi, Inc ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
STEP-UP DC/DC CONVERTER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 32 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
31
TYPICAL PERFORMANCE CHARACTERISTICS
CH1
REG4/ON4[ ] = 0
CH1: VOUT4, 10V/div
CH2: VFB4, 200mV/div
TIME: 2ms/div
CH1
CH2
CH1: VOUT4, 10V/div
TIME: 100µs/div
0V
0V
REG4/ON4[ ] = 1
(ACT8828QJ16C, TA = 25°C, unless otherwise specified.)
Output Current (mA)
1
5
9
13
17
21
25
29
4 LEDs
6 LEDs
100
90
80
70
60
50
REG4 Efficiency vs. Output Current
VSYS Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REG4 RDSON vs. VSYS Voltage
900
800
700
600
500
400
300
200
REG4 Over-Voltage Protection
REG4 Startup Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com