Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 41 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 41 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc ACT8828 Datasheet HTML 40Page - Active-Semi, Inc ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc ACT8828 Datasheet HTML 44Page - Active-Semi, Inc ACT8828 Datasheet HTML 45Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 41 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
FUNCTIONAL DESCRIPTION
General Description
The ACT8828 incorporates Active-Semi's patent-
pending ActivePath architecture. ActivePath is a
complete battery-charging and system power-
management
solution
for
portable
hand-held
equipment. This circuitry performs a variety of
advanced battery-management functions, including
automatic selection of the best available input
supply, current-management to ensure system
power availability, and a complete, high-accuracy
(±0.5%), thermally regulated, full-featured single-
cell linear Li+ charger with an integrated 12V power
MOSFET.
ActivePath Architecture
Active-semi's
patent-pending
ActivePath
architecture performs three important functions:
1) Input Protection,
2) System Configuration Optimization, and
3) Battery-Management
Input Protection
At the input of the ACT8828's ActivePath circuit is
an internal, low-dropout linear regulator (LDO) that
regulates the system voltage (VSYS). This LDO
features a 12V power MOSFET, allowing the
ActivePath
system to withstand input voltages of up
to 12V, and additionally includes a variety of other
protection features, including current limit protection
and input over-voltage protection.
The ActivePath circuitry provides a very simple
means of implementing a solution that safely
operates within the current-capability limitations of a
USB port while taking advantage of the high output-
current capability of an AC adapter, when available.
ActivePath
limits the total current drawn from the
input supply to a value set by the ACIN input; when
ACIN is driven to a logic-low ActivePath operates in
“USB Mode” and limits the current to either 500mA
(when CHGLEV is driven to a logic-high) or to
100mA (when CHGLEV is driven to a logic-low),
and when ACIN is driven to a logic-high ActivePath
operates in “AC-Mode” and limits the input current
to 2A. In either case, ActivePath's DCCC circuitry,
described
below,
allows
the
input
overload
protection to be adjusted to accommodate a wide
range of input supplies.
System Configuration Optimization
ActivePath
circuitry automatically detects the state
of the input supply, the battery, and the system, and
automatically reconfigures itself to optimize the
power system. If the input supply is present,
ActivePath
powers the system in parallel with
charging the battery, so that system power and
charge current can be independently managed to
satisfy all system power requirements. This allows
the battery to charge as quickly as possible, while
ensuring that the total system current does not
exceed the capability of the input supply. If the input
supply is not present, however, then ActivePath
automatically configures the system to draw power
from the battery. Finally, if the input is present and
the system current requirement exceeds the
capability of the input supply, such as under
momentary peak-power consumption conditions,
ActivePath
automatically
configures
itself
for
maximum power capability by drawing system
power from both the battery and the input supply.
Battery Management
ActivePath
includes a full-featured battery charger
for single-cell Li-based batteries. This charger is a
full-featured, intelligent, linear-mode, single-cell
charger for Lithium-based cells, and was designed
specifically to provide a complete charging solution
with minimum system design effort.
The core of the ActivePath's charger is a CC/CV
(Constant-Current/Constant-Voltage),
linear-mode
charge controller. This controller incorporates
current and voltage sense circuitry, an internal
80mΩ power MOSFET, a full-featured state-
machine that implements charge control and safety
features, and circuitry that eliminates the reverse-
blocking diode required by conventional charger
designs.
This charger also features thermal-regulation
circuitry that protects it against excessive junction
temperature, allowing the fastest possible charging
times, as well as proprietary input protection
circuitry that makes the charger robust against input
voltage transients that can damage other chargers.
The charge termination voltage is highly accurate
(±0.5%), and features a selection of charge safety
timeout periods that protect the system from
operation with damaged cells. Other features
include pin-programmable fast-charge current and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com