Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 16Page - Active-Semi, Inc ACT8828 Datasheet HTML 17Page - Active-Semi, Inc ACT8828 Datasheet HTML 18Page - Active-Semi, Inc ACT8828 Datasheet HTML 19Page - Active-Semi, Inc ACT8828 Datasheet HTML 20Page - Active-Semi, Inc ACT8828 Datasheet HTML 21Page - Active-Semi, Inc ACT8828 Datasheet HTML 22Page - Active-Semi, Inc ACT8828 Datasheet HTML 23Page - Active-Semi, Inc ACT8828 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 20 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
VP2 Input Voltage (V)
(ACT8828QJ16C, VVP1 = VVP2 = 3.6V, L = 3.3µH, CVP1 = CVP2 = 4.7μF, COUT1 = 22μF, COUT2 = 10μF, TA = 25°C, unless otherwise
specified.)
TYPICAL PERFORMANCE CHARACTERISTICS
REG1 RDSON vs. VP1 Input Voltage
VP1 Input Voltage (V)
0
6.0
5.5
5.0
4.5
4.0
3.5
3.0
0.18
0.16
0.12
0.08
0.04
OUT1 Regulation Voltage vs. Temperature
1.812
1.788
Temperature (°C)
-20
-40
0
20
40
60
1.808
1.804
1.800
1.796
1.792
IOUT1 = 35mA
85
PMOS
NMOS
REG2 RDSON vs. VP2 Input Voltage
0
0.5
0.3
0.4
0.2
0.1
4.5
4.0
3.5
3.0
PMOS
NMOS
REG2 Efficiency vs. Load Current
100
1000
Load Current (mA)
90
80
70
60
10
100
VOUT2 = 1.2V
50
1
REG1 Efficiency vs. Load Current
100
0
2
2000
Load Current (mA)
80
60
40
20
20
200
VOUT1 = 3.3V
VVSYS = 4.2V
VVSYS = 3.6V
0.14
0.10
0.06
0.02
VVSYS = 4.6V
VVSYS = 5.2V
VVSYS = 3.6V
VVSYS = 4.2V
VVSYS = 4.6V
VVSYS = 5.2V
5.0
5.5
6.0
OUT2 Regulation Voltage vs. Temperature
3.318
3.282
Temperature (°C)
-20
-40
0
20
40
60
3.315
3.312
3.309
3.306
3.303
3.300
3.297
3.294
3.291
3.288
3.285
85
IOUT2 = 35mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com