Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 35 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 35 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 31Page - Active-Semi, Inc ACT8828 Datasheet HTML 32Page - Active-Semi, Inc ACT8828 Datasheet HTML 33Page - Active-Semi, Inc ACT8828 Datasheet HTML 34Page - Active-Semi, Inc ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
STEP-UP DC/DC CONVERTER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 35 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
FUNCTIONAL DESCRIPTION
General Description
REG4 is a highly efficient step-up DC/DC converter
that employs a fixed frequency, current-mode,
PWM architecture. This regulator is optimized for
white-LED bias applications consisting of up to
seven white-LEDs.
Enabling and Disabling REG4
REG1 is typically enabled and disabled using the
ACT8828's
closed-loop
enable/disable
control
scheme, including the nPBIN input. Refer to the
System Startup and Shutdown section for more
information about this function.
Each regulator is enabled when the following
conditions are met:
1) nPBIN is pushed low via 100kΩ resistance,
2) ON4 is asserted high to enable REG4,
3) REG4/ON4[ ] is set to 1 when ON4 is high
When none of these conditions are true, REG4 is
disabled, and each regulator’s quiescent supply
current drops to less than 1μA.
As with all non-synchronous step-up DC/DC
converters, REG4’s application circuit produces a
DC current path between the input and the output in
shutdown mode. Although the forward drop of the
WLEDs makes this leakage current very small in
most applications, it is important to consider the
effect that this may have in your application
particularly when using fewer than three WLEDs.
Over-Voltage Protection
REG4 features internal over-voltage protection
(OVP) circuitry which protects the system from LED
open-circuit fault conditions. If the voltage at OV
ever reaches the over-voltage threshold, REG4 will
regulate the top of the LED strong to the OVP
threshold voltage. By default, the ACT8828’s OVP
threshold is set at 28.5V, although it may be
programmed to a lower value by writing to the
REG4/VSET[ ] register.
Power-OK Bit
REG4 features a Power-OK status bit that can be
read by the system microprocessor via the I2C
interface. If the voltage at OV is greater than the
OVP threshold, REG4/OK[ ] will clear to 0.
Compensation and Stability
REG4 utilizes current-mode control and an internal
compensation
network
to
optimize
transient
performance, ease compensation, and improve
stability over a wide range of operating conditions.
REG4 is a flexible regulator, and its external
components can be chosen to achieve the smallest
possible footprint or to achieve the highest possible
efficiency.
Inductor Selection
REG4
was
designed
to
provide
excellent
performance across a wide range of applications,
but was optimized for operation with inductors in the
10µH to 22µH range, although larger inductor
values of up to 68µH can be used to achieve the
highest possible efficiency.
Optimizing for Smallest Footprint
REG4 is capable of operating with very low inductor
values in order to achieve the smallest possible
footprint. When solution size is of primary concern,
best results are achieved when using an inductor
that ensures discontinuous conduction mode (DCM)
operation over the full load current range.
Optimizing for Highest Efficiency
REG4 achieves excellent efficiency in applications
that demand the longest possible battery life. When
efficiency is the primary design consideration, best
results are achieved when using an inductor that results
in continuous conduction mode (CCM) operation and
achieves very small inductor ripple current.
Output Capacitor Selection
REG4 was designed to operate with output
capacitors ranging from 0.47µF to 10µF, providing
design flexibility. A 1µF output capacitor is suitable
for most applications, although larger output
capacitors may be used to minimize output voltage
ripple,
if
needed.
Ceramic
capacitors
are
recommended for most applications.
Rectifier Selection
REG4 requires a Schottky diode to rectify the
inductor current. Select a low forward voltage drop
Schottky diode with a forward current (IF) rating that
is sufficient to support the maximum switch current
and a sufficient peak repetitive reverse voltage
(VRRM) to support the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com