Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 25Page - Active-Semi, Inc ACT8828 Datasheet HTML 26Page - Active-Semi, Inc ACT8828 Datasheet HTML 27Page - Active-Semi, Inc ACT8828 Datasheet HTML 28Page - Active-Semi, Inc ACT8828 Datasheet HTML 29Page - Active-Semi, Inc ACT8828 Datasheet HTML 30Page - Active-Semi, Inc ACT8828 Datasheet HTML 31Page - Active-Semi, Inc ACT8828 Datasheet HTML 32Page - Active-Semi, Inc ACT8828 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 29 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
(2)
1
FB
6
FF
R
10
2
.
2
C
−
×
=
FUNCTIONAL DESCRIPTION CONT’D
RFB1
RFB2
OUTx
ACT8828
FBx
CFF
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R
R
FBx
OUTx
2
FB
1
FB
(1)
Inductor Selection
REG1, REG2 and REG3 utilize current-mode control
and a proprietary internal compensation scheme to
simultaneously
simplify
external
component
selection and optimize transient performance over
their full operating range.
The REG1, REG2 and REG3 of these devices was
optimized for operation with and 3.3μH inductor, although
inductors in the 2.2μH to 4.7μH range can be used.
Choose an inductor with a low DC-resistance, and
avoid inductor saturation by choosing inductors with
DC ratings that exceed the maximum output current
of the application by at least 30%.
Output Voltage Programming
By default, REG1, REG2 and REG3 each power up
and regulate to their default output voltage, as
defined in the Ordering Information section. Once
the system is enabled, each regulator’s output
voltage may be modified through either the I2C
interface or the Voltage Selection (VSEL) pin.
Programming via the I
2C Interface
Following startup, REG1, REG2, and REG3 may be
independently programmed to different values by
writing to the REGx/VSETx[_] and REGx/VRANGE[_]
registers via the I2C interface. To program each
regulator, first select the desired output voltage range
via the REGx/VRANGE[ ] bit. Each regulator
supports
two
overlapping
ranges;
set
REGx/VRANGE[_] to 0 for voltages below 2.245V,
set REGx/VRANGE[_] to 1 for voltages above 1.25V.
Once the desired range has been selected, program
the output to a voltage within that range by setting the
REGx/VSETx bits. For more information about the
output voltage setting options, refer to Tables 4, 7,
and 10, for REG1, REG2, and REG3, respectively.
Programming with Adjustable Option
Figure 6 shows the feedback network necessary to
set the output voltage when using the adjustable
output voltage option. Select components as
follows: Set RFB2 = 51kΩ, then calculate RFB1 using
the following equation:
Where VFBx is 0.625V when REGx × VRANGE[ ] = 0
and 1.25V when REGx × VRANGE[ ] = 1
Figure 6:
Output Voltage Programming
Finally choose CFF using the following equation:
Where RFB1 = 47kΩ, use 47pF.
When using Adjustable Option, OUTx pins works as
FBx function.
Output Voltage Selection Pin (VSEL)
ACT8828's VSEL pin provides a simple means of
alternating between two preset output voltage
settings, such as may be needed for dynamic
voltage selection (DVS). The operation of this pin is
as follows: when VSEL is driven to GA or a logic
low, the output voltages of REG1, REG2, and
REG3 are each defined by their VSET0[ ] register.
when VSEL is driven to VSYS or a logic high, the
output voltages of REG1, REG2, and REG3 are
each defined by their VSET1[ ] register.
By default, each regulator's VSET0[ ] and VSET1[ ]
registers are both programmed to the same voltage,
as defined in the Ordering Information section. As a
result, toggling VSET under default conditions has
no affect. However, by re-programming one or more
regulator's VSET0[ ] and/or VSET1[ ] registers, one
can easily toggle these regulators' output voltages
between two sets of voltages, such as to implement
'normal' and 'standby' modes in a system utilizing
the ACT8828 to implement an advanced power
management architecture.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-
down DC/DC converter design. A good design
minimizes excessive EMI on the feedback paths
and voltage gradients in the ground plane, both of
which can result in instability or regulation errors.
Step-down DC/DCs exhibit discontinuous input
current, so the input capacitors should be placed as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com