Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 29Page - Active-Semi, Inc ACT8828 Datasheet HTML 30Page - Active-Semi, Inc ACT8828 Datasheet HTML 31Page - Active-Semi, Inc ACT8828 Datasheet HTML 32Page - Active-Semi, Inc ACT8828 Datasheet HTML 33Page - Active-Semi, Inc ACT8828 Datasheet HTML 34Page - Active-Semi, Inc ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
STEP-UP DC/DC CONVERTER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 33 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
REGISTER DESCRIPTIONS
Note: See Table 1 for default register settings.
Table 13:
REG4 Control Register Map
Table 14:
REG4 Control Register Bit Descriptions
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
40h
R
R
R
R
R
R
R
R
41h
R
R
R
R
R
R
R
R
42h
R
R
R
R
R
W/E
OK
ON
43h
R
R
VSET
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1.
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
40h
[7:0]
R
READ ONLY
41h
[7:0]
R
READ ONLY
42h
ON
[0]
R/W
REG4 Enable
0
REG4 Disable
1
REG4 Enable
42h
OK
[1]
R
REG4 Power-OK
0
Output is not OK
1
Output is OK
42h
[2]
W/E
WRITE-EXACT
42h
[7:3]
R
READ ONLY
43h
VSET
[5:0]
R/W
REG4 Output Voltage Selection
See Table 15
43h
[7:6]
R
READ ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com