Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc ACT8828 Datasheet HTML 40Page - Active-Semi, Inc ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc ACT8828 Datasheet HTML 44Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 40 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(VCHG_IN = 5V, TA = 25°C, unless otherwise specified.)
VAC Applied, CHGLEV = LOW
VAC Applied, CHGLEV = HIGH
VAC Removed, CHGLEV = LOW
VAC Removed, CHGLEV = HIGH
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1
CH2
CH3
CH4
CH1: VUSB, 2.00V/div
CH2: VCHG_IN, 2.00V/div
CH3: IBAT, 500mA/div
CH4: VVAC, 2.00V/div
TIME: 400µs/div
CH1: VUSB, 2.00V/div
CH2: VCHG_IN, 2.00V/div
CH3: IBAT, 500mA/div
CH4: VVAC, 2.00V/div
TIME: 400µs/div
CH1: VUSB, 2.00V/div
CH2: VCHG_IN, 2.00V/div
CH3: IBAT, 500mA/div
CH4: VVAC, 2.00V/div
TIME: 400µs/div
CH1: VUSB, 2.00V/div
CH2: VCHG_IN, 2.00V/div
CH3: IBAT, 500mA/div
CH4: VVAC, 2.00V/div
TIME: 400µs/div
100mA
450mA
100mA
450mA
Battery Voltage (V)
0
1
2
4
3
5
10
8
6
4
2
0
Battery Leakage Current vs. Battery Voltage
No CHG_IN
CHGLEV = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com