Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc ACT8828 Datasheet HTML 40Page - Active-Semi, Inc ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 39 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(VCHG_IN = 5V, TA = 25°C, unless otherwise specified.)
SYS Current (mA)
0
1000
2000
3000
4.25
4.15
4.05
3.95
3.85
3.75
No Load
ACIN = 1
CHGLEV = 1
ISYS = 10mA
VBAT = 4.2V
SYS Output Voltage vs. DC Voltage
SYS Voltage vs. SYS Current
4.8
4.6
4.5
4.4
4.3
4.2
4.1
4.0
4.7
CHG_IN Voltage (V)
0
2
4
6
8
10
12
14
Battery Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charger Current vs. Battery Voltage
CHG_IN = 5V
ISYS = 0 mA
100mA USB
100
80
60
40
20
0
VBAT Falling
VBAT Rising
Battery Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charger Current vs. Battery Voltage (USB Mode)
450
400
350
300
250
200
150
100
50
0
500
Battery Voltage Falling
Battery Voltage Rising
CHG_IN = 5V
ISYS = 0mA
500mA USB
900
800
700
600
500
400
300
200
100
0
ACIN/CHGLEV = 11
VCHGIN = 5V
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
Fast Charge Current vs. Ambient Temperature
ACIN, CHGLEV = 11
ACIN, CHGLEV = 10
ACIN, CHGLEV = 01
ACIN, CHGLEV = 00
1200
1000
800
600
400
200
0
Charger Current vs. Battery Voltage (AC Mode)
Battery Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com