Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 8Page - Active-Semi, Inc ACT8828 Datasheet HTML 9Page - Active-Semi, Inc ACT8828 Datasheet HTML 10Page - Active-Semi, Inc ACT8828 Datasheet HTML 11Page - Active-Semi, Inc ACT8828 Datasheet HTML 12Page - Active-Semi, Inc ACT8828 Datasheet HTML 13Page - Active-Semi, Inc ACT8828 Datasheet HTML 14Page - Active-Semi, Inc ACT8828 Datasheet HTML 15Page - Active-Semi, Inc ACT8828 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
SYSTEM MANAGEMENT
ACT8828
Rev 7, 15-Nov-12
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
Temperature (°C)
26
85
20
VSYS Current vs. Temperature
-20
0
20
40
60
24
22
Oscillator Frequency vs. Temperature
Temperature (°C)
1.71
1.50
1.68
1.65
1.62
1.59
1.56
1.53
85
-20
0
20
40
60
ON1 = ON2 = ON3 = ON4 = GA
VVSYS = 4.2V
VVSYS = 3.6V
VVSYS = 3.2V
-40
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com