Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 2 Page - Texas Instruments

  TAS5729MD Datasheet HTML 1Page - Texas Instruments TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The TAS5729MD is a stereo I²S input device which includes a digital auto processor with two-band automatic
gain limiting (AGL), digital equalization, course and fine volume control, and PWM Level meter. The AGL is an
enhanced dymanic range compression (DRC) function. The device can operate from a wide PVDD power supply
range to enable use in a multitude of applications. The TAS5729MD operates with a nominal supply voltage from
4.5 to 24 VDC. It is controlled by an (I²C) control port.The device has an integrated DirectPath™ headphone
amplifier / line driver to increase system level integration and reduce total solution costs.
An optimal mix of thermal performance and device cost is provided in the 200 m
Ω RDS(ON) of the output
MOSFETs. Additionally, a thermally enhanced 48-Pin TSSOP provides excellent operation in the elevated
ambient temperatures found in today's modern consumer electronic devices.
The entire TAS5729xx family is pin to pin compatible allowing a single hardware solution to be used across
several end application platforms. Additionally, the I²C register map in all of the TAS5729xx family is identical, to
ensure low development overhead to choose between devices based upon system level requirements.
Figure 1. TAS5729MD Signal Processing Flow
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com