Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments TAS5729MD Datasheet HTML 10Page - Texas Instruments TAS5729MD Datasheet HTML 11Page - Texas Instruments TAS5729MD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
TAS5729MD
SLOS836A – MAY 2013 – REVISED JUNE 2013
www.ti.com
HEADPHONE AMPLIFIER / LINE DRIVER
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
fCP
Charge Pump Switching Frequency
200
300
400
kHz
Po(HP)
Headphone Amplifier Output Power
RLOAD(HP) = 32Ω, THD+N =
-
55
-
mW
1%, Outputs in Phase
SNR(HP)
Signal to Noise Ratio
(Referenced to 55mW Output
-
101
-
dB
Signal), RLOAD(HP) = 32Ω, A-
Weighted
SNR(LD)
Signal to Noise Ratio
(Referenced to 2Vrms Output
-
105
-
dB
Signal), RLOAD(LD) = 10kΩ, A-
Weighted
RESET TIMING
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
tw(RESET)
Pulse duration required to reset the
100
-
-
µs
device
I²C CONTROL PORT
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Units
Allowable Load Capacitance for Each I²C
CL(I²C)
-
-
400
pF
Line
fSCL
Supported SCL frequency
No Wait States
100
-
400
kHz
Bus Free time between stop and start
tbuf
1.3
-
-
µs
conditions
tf(I²C)
Rise Time, SCL and SDA
-
-
300
ns
th1(I²C)
Hold Time, SCL to SDA
0
-
-
ns
th2(I²C)
Hold Time, start condition to SCL
0.6
-
-
µs
Time to enable I²C from release
tI²C(start)
I²C Startup Time
-
-
12
ms
RST
tr(I²C)
Rise Time, SCL and SDA
-
-
300
ns
tsu1(I²C)
Setup Time, SDA to SCL
100
-
-
ns
tsu2(I²C)
Setup Time, SCL to start condition
0.6
-
-
µs
tsu3(I²C)
Setup Time, SCL to stop condition
0.6
-
-
µs
Tw(H)
Required Pulse Duration, SCL High
0.6
-
-
µs
Tw(L)
Required Pulse Duration, SCL Low
1.3
-
-
µs
8
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com