Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 1 Page - Texas Instruments

  TAS5729MD Datasheet HTML 1Page - Texas Instruments TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Digital Audio Processor
Clock
Monitoring
Open Loop
Digital PWM
Modulator
Full Bridge
Power
Stage B
Serial
Audio
Port
Internal Control Registers and State Machines
Over-
Current
Protection
Full Bridge
Power
Stage A
Gate
Drives
Gate
Drives
Die Temp. Monitor
PWM Power Stage
SPK_OUTC
SPK_OUTD
SPK_OUTA
SPK_OUTB
SCLK
SDIN
MCLK
LRCLK
DVDD
DRVDD
GVDD_REG
PVDD
DR_SDI
SCL
RST
SDA
Gate Drive
Regulator
Digital Equalizer, Two-Band
AGL, Coarse/Fine Volume
Control, THD Manager, PWM
Level Meter
Charge Pump
DRVSS
DR_CP
DR_CN
DR_OUTB
DR_OUTA
DR_INB
DR_INA
ANA_REG1 ANA_REG2 DIG_REG
Digital Supply Regulator
PDN
ADR / SPK_FAULT
Stereo HP / Line Driver
DRVDD
DR_INx
DR_OUTx
DRVSS
AVDD
Analog Supply
Regulators
0
5
10
15
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 8Ÿ THD+N = 1%
RL = 8Ÿ THD+N = 10%
C001
BTL
T
A = 25°C
DCA-48 (TSSOP)
12.5mm
8.1mm
´
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
12W I²S Input Class-D Amplifier with Digital Audio Processor
and DirectPath™ HP / Line Driver
Check for Samples: TAS5729MD
1
FEATURES
APPLICATIONS
23
•
Audio I/O Configuration:
•
LCD/LED TV and Multi-Purpose Monitors
–
Single Stereo I²S Input
•
Sound Bars, Docking Stations, PC Audio
–
Stereo BTL or Mono PBTL Operation
•
Consumer Audio Equipment
–
8 to 48 kHz Sample Rates
Power at 10% THD+N vs PVDD
–
Headphone Amplifier / Line Driver
•
Audio Digital Signal Processing:
–
Digital Equalization
–
Two-band Automatic Gain Limiting
–
Coarse and Fine Volume Control
–
PWM Level Meter
•
General Operational Features:
–
I²C Software Control with Programmable I²C
Address (1010100[R/W] or 1010101[
R/
W])
–
AD, BD, Ternary Modulation
–
Overtemp, Undervoltage, Clock, and
Overcurrent Protection
•
Audio Performance (PVDD = 18 V, RLOAD = 8 Ω)
–
Idle Channel Noise = 56 µVrms
–
THD+N at 1 W, 1 kHz, = 0.15 %
NOTE: Dashed lines represent thermally limited
region.
–
SNR = 105 dB (ref. to 0dBFS)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5729MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5729MD TI-TAS5729MD Datasheet
1Mb / 58P
12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MDDCA TI-TAS5729MDDCA Datasheet
1Mb / 58P
12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MDDCAR TI-TAS5729MDDCAR Datasheet
1Mb / 58P
12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5729MD TI-TAS5729MD_15 Datasheet
3Mb / 62P
TAS5729MD 12-W I짼S Input Class-D Amplifier With Digital Audio Processor and DirectPath??HP and Line Driver
TAS5729MD TI1-TAS5729MD_16 Datasheet
3Mb / 65P
Input Class-D Amplifier
More results

Similar Description - TAS5729MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604 TI-DRV604 Datasheet
878Kb / 21P
DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TAS5729MD TI-TAS5729MD Datasheet
1Mb / 58P
12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
12W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TAS5729MD TI-TAS5729MD_15 Datasheet
3Mb / 62P
TAS5729MD 12-W I짼S Input Class-D Amplifier With Digital Audio Processor and DirectPath??HP and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
Digital Input Mono Class-D Audio Amplifier
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com