Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 5 Page - Texas Instruments

  TAS5729MD Datasheet HTML 1Page - Texas Instruments TAS5729MD Datasheet HTML 2Page - Texas Instruments TAS5729MD Datasheet HTML 3Page - Texas Instruments TAS5729MD Datasheet HTML 4Page - Texas Instruments TAS5729MD Datasheet HTML 5Page - Texas Instruments TAS5729MD Datasheet HTML 6Page - Texas Instruments TAS5729MD Datasheet HTML 7Page - Texas Instruments TAS5729MD Datasheet HTML 8Page - Texas Instruments TAS5729MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Ambient Operating Temperature, TA
0
85
°C
Temperature
Ambient Storage Temperature, TS
-40
125
°C
DVDD, DRVDD, AVDD
-0.3
4.2
V
Supply voltage
PVDD
-0.3
30
V
DVDD Referenced Digital Inputs
-0.5
DVDD + 0.5
V
Input voltage
5-V tolerant digital inputs (2)
-0.5
DVDD + 2.5(3)
V
DR_INx
DRVSS - 0.3
DRVDD + 0.3
V
HP Load
RLOAD(HP)
12.8
N/A
Ω
Line Driver Load
RLOAD(LD)
600
N/A
Ω
Voltage at speaker output pins
SPK_OUTx
-0.03
32
V
Voltage at BSTRPx pins
BSTRPx
-0.03
39
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6 V.
THERMAL CHARACTERISTICS
TAS5729MD
THERMAL METRIC(1)
UNIT
48 Pin DCA (2)
48 Pin DCA(3)
θJA
Junction-to-ambient thermal resistance
62.6
32.6
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance
17.9
16.2
°C/W
θJB
Junction-to-board thermal resistance
11.9
14.4
°C/W
ψJT
Junction-to-top characterization parameter
0.8
0.9
°C/W
ψJB
Junction-to-board characterization parameter
13.5
14.3
°C/W
θJC(top)
Junction-to-case (top) thermal resistance
1.5
1.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
JEDEC Standard 2 Layer Board
(3)
JEDEC Standard 4 Layer Board
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
TA
Ambient Operating Temperature
0
-
85
°C
VDD
DVDD, DRVDD and AVDD Supply
2.97
-
3.63
V
PVDD
PVDD Supply
4.5
-
26.4(1)
V
VIH
Input Logic High
2
-
-
V
VIL
Input Logic Low
-
-
0.8
V
RHP
Minimum HP Load
16
-
-
Ω
RLD
Minimum Line Driver Load
600
-
-
Ω
RSPK(BTL)
Minimum Speaker Load in BTL Mode
8
-
-
Ω
RSPK(PBTL)
Minimum Speaker Load in Post-Filter PBTL Mode
4
-
-
Ω
LFILT
Minimum output inductance under short-circuit condition
10
-
-
µH
(1)
For operation at PVDD levels greater than 18 V, the modulation limit must be set to 93.8% via the control port register 0x10.
Copyright © 2013, Texas Instruments Incorporated
5
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com