Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5729MD Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5729MD
Description  12W I짼S Input Class-D Amplifier with Digital Audio Processor and DirectPath??HP / Line Driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5729MD Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5729MD Datasheet HTML 45Page - Texas Instruments TAS5729MD Datasheet HTML 46Page - Texas Instruments TAS5729MD Datasheet HTML 47Page - Texas Instruments TAS5729MD Datasheet HTML 48Page - Texas Instruments TAS5729MD Datasheet HTML 49Page - Texas Instruments TAS5729MD Datasheet HTML 50Page - Texas Instruments TAS5729MD Datasheet HTML 51Page - Texas Instruments TAS5729MD Datasheet HTML 52Page - Texas Instruments TAS5729MD Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
PVDD
33 nF
HP
LD
220 F
LFILT
LFILT
CFILT
CFILT
LFILT
LFILT
CFILT
CFILT
0.1 F
33 nF
33 nF
33 nF
10 F
0.1 F
1.0 F
2.2 nF
0.1uF
4.7 F
10 F 0.1 F
18.20
NŸ
220 F
0.1 F
PVDD
330 pF
18
Ÿ
330 pF
18
Ÿ
330 pF
18
Ÿ
330 pF
18
Ÿ
0.1 F
470
Ÿ
47 nF
4.7 nF
47 nF
4.7 nF
1.0 F
1.0 F
VDD
VDD
VDD
10
NŸ
1.5 F
10
NŸ
10
NŸ
1.5 F
10
NŸ
System Processor
and
Associated Passive
Components
15
NŸ
15
NŸ
PGND
SPK_OUTA
BSTRPA
PVDD
TEST1
TEST2
DR_INA
DR_OUTA
DR_OUTB
DR_INB
DRVSS
DR_CN
DR_CP
DRVDD
PLL_GND
PLL_FLTM
PLL_FLTP
ANA_REG1
AVDD
ADR / SPK_FAULT
MCLK
OSC_RES
OSC_GND
DIG_REG
SPK_OUTB
BSTRPB
BSTRPC
SPK_OUTC
PGND
SPK_OUTD
BSTRPD
PVDD
GVDD_REG
DR_SDI
SSTIMER
ANA_REG2
AGND
DGND
DVDD
TEST3
RST
NC
SCL
SDA
SDIN
SCLK
LRCLK
PDN
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
47
48
VDD
470
Ÿ
10 F
TAS5729MD
www.ti.com
SLOS836A – MAY 2013 – REVISED JUNE 2013
APPLICATION INFORMATION
These typical connection diagrams highlight the required external components and system level connections for
proper operation of the device in several popular use cases.
Each of these configurations can be realized using the Evaluation Modules (EVMs) for the device. These flexible
modules allow full evaluation of the device in the most common modes of operation. Any design variation can be
supported by TI through schematic and layout reviews. Visit http://e2e.ti.com for design assistance and join the
audio amplifier discussion forum for additional information.
TAS5729MD Typical Application Circuit
These application circuits detail the recommended component selection and board configurations for the
TAS5729MD device.
For further information regarding component selection, see SLOU367.
Figure 51. Stereo BTL Configuration with Headphone / Line Driver Amplifier
Copyright © 2013, Texas Instruments Incorporated
49
Product Folder Links: TAS5729MD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com